Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTB-96M4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HTB-96M4
Description  HTB Panel Mount Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HTB-96M4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HTB-96M4 Datasheet HTML 1Page - List of Unclassifed Manufacturers HTB-96M4 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
• For 1/4" x 1-1/4" and 5mm x 20mm fuses
• All holder bodies have the option of using
1/4" x 1-1/4" or 5mm x 20mm carriers
• Withstands 15 to 20 lbs-in torque to mounting
nut when mounting fuseholder to panel
• High temperature, flame retardant,
Thermoplastic meets UL 94 VO
Agency Information
• UL Recognized: IZLT2, E14853
• CSA Component Acceptance:
Class 6225-01, File 47235
Fuseholders
HTB Panel Mount Series
Replacement Parts
Mounting Dimensions
Maximum Panel Thickness
Body Type
Inch
Millimeters
HTB-2
0.30
7.62
HTB-3
0.30
7.62
HTB-4
0.125
3.18
HTB-5
0.125
3.18
HTB-6
0.30
7.62
HTB-8
0.125
3.18
HTB-9
0.125
3.18
SPECIFICATIONS
Product
Current
Voltage
Fuse
Quick
Code
Rating
Rating
Size
Connect
HTB-X2I
15A
250V
1/4" x 1-1/4"
3/16"
HTB-X4I
15A
250V
1/4" x 1-1/4"
3/16"
HTB-X6I
20A
250V
1/4" x 1-1/4"
1/4"
HTB-X8I
20A
250V
1/4" x 1-1/4"
1/4"
HTB-X2M
15A
250V
5mm x 20mm
3/16"
HTB-X4M
15A
250V
5mm x 20mm
3/16"
HTB-X6M
16A
250V
5mm x 20mm
1/4"
HTB-X8M
16A
250V
5mm x 20mm
1/4"
HTB-8
HTB-6
HTB-2
HTB-4
Dimensional Data
Terminal Options
Knob Type Carrier
Solder/
Carrier Options
‹Ω¡§∑ Quick-Connect
⁄Ω¢∑ Quick-Connect
⁄Ω¢∑ x 1⁄Ω¢∑
5mm x 20mm
In-Line
Rt. Angle
In-Line
Rt. Angle
(“I” Equals Inches)
(“M” Equals Metric)
Common Dimensional Data:
Knob
Knob
Length (Knob Type) - 1.69∑
(42.9mm) Plus In-Line Terminal
(Screwdriver Slotted)
1.75∑ (44.5mm)
NOTE: Plus In-Line Terminal
HTB-22I
HTB-24I
HTB-26I
HTB-28I
✓
—
HTB-22M
HTB-24M
HTB-26M
HTB-28M
—
✓
HTB-42I
HTB-44I
HTB-46I
HTB-48I
✓
—
HTB-42M
HTB-44M
HTB-46M
HTB-48M
—
✓
HTB-62I
HTB-64I
HTB-66I
HTB-68I
✓
—
HTB-62M
HTB-64M
HTB-66M
HTB-68M
—
✓
HTB-82I
HTB-84I
HTB-86I
HTB-88I
✓
—
HTB-82M
HTB-84M
HTB-86M
HTB-88M
—
✓
1.125"
(28.6mm)
0.47"
(11.9mm)
0.09" NOM.
(2.4mm)
1.125"
(28.6mm)
0.47"
(11.9mm)
0.92"
(23.4mm)
0.67"
(17.1mm)
0.91"
(23.0mm)
0.69"
(17.5mm)
0.34"
(8.7mm)
0.33"
(8.3mm)
0.47"
(11.9mm)
0.45"
(11.5mm)
Fuseholders and fuse carriers may be ordered separately.
0.30∑
7.62mm
0.125∑
3.18mm
0.30∑
7.62mm
0.125∑
3.18mm
Maximum
Panel
Thickness
Low Profile
Rear Hex Nut
High
Profile
Rear Hex Nut
Front
Hex Nut
Low Profile
Snap-In


Similar Part No. - HTB-96M4

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HTB-96M-R COOPER-HTB-96M-R Datasheet
358Kb / 3P
HTB Panel Mount Series
logo
Eaton All Rights Reserv...
HTB-96M-R EATON-HTB-96M-R Datasheet
341Kb / 2P
1/4 x 1 1/4 and 5 mm x 20 mm Panel-mount fuse holders
More results

Similar Description - HTB-96M4

ManufacturerPart #DatasheetDescription
logo
LEM
HTB50-P LEM-HTB50-P Datasheet
66Kb / 2P
Current Transducers HTB 50~400-P and HTB 50~100-TP
HTB50-TP LEM-HTB50-TP Datasheet
77Kb / 2P
Current Transducers HTB 50~400-P and HTB 50~100-TP
HTB100-P LEM-HTB100-P Datasheet
63Kb / 2P
Current Transducers HTB 50~400-P/SP5 and HTB 50~100-TP/SP5
logo
Cooper Bussmann, Inc.
BK-HTB-32M-R COOPER-BK-HTB-32M-R Datasheet
358Kb / 3P
HTB Panel Mount Series
FHN26G1 COOPER-FHN26G1 Datasheet
158Kb / 2P
HKP Panel-Mount Series
HKP-OO COOPER-HKP-OO Datasheet
158Kb / 2P
HKP Panel-Mount Series
HKP-HH COOPER-HKP-HH Datasheet
158Kb / 2P
HKP Panel-Mount Series
logo
LEM
HTB-100-TP LEM-HTB-100-TP Datasheet
551Kb / 3P
Current Transducer HTB 50 .. 400 - P and HTB 50 .. 100 - TP
HTB-200-P LEM-HTB-200-P Datasheet
551Kb / 3P
Current Transducer HTB 50 .. 400 - P and HTB 50 .. 100 - TP
logo
Lite-On Technology Corp...
HA-1101-24LF LITEON-HA-1101-24LF Datasheet
399Kb / 3P
Industrial Automation Panel Mount Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com