Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAM4017 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ADAM4017
Description  8 Channel Analog Input Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ADAM4017 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ADAM4017 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADAM 4017
8 Channel Analog Input Module
Features
Analog Input :
l
Effective resolution : 16-bit
l
Channels : 6 Differential , 2 Single Ended
l
Input type : mV, V or mA
l
Input range : ±150 mV, ±500 mV, ±1 V, ±5 V, ±10 V and ±20 mA
l
Isolation voltage: 3000 V
DC
l
Fault and overvoltage protection : Withstands overvoltage up to ±35 V
l
Sampling rate: 10 samples/sec. (Total)
l
Input impedance: 20 M ohms
l
Bandwidth: 13.1 Hz @ 50 Hz , 15.72 Hz @ 60 Hz
l
Accuracy: ±0.1% or better
l
Zero drift: ±6µV/°C
l
Span drift: ±25 ppm/°C
l
CMR @ 50/60 Hz: 92 dB min
l
Built-in Watchdog Timer
Power
l
Power requirements: +10 ~ +30 V
DC (non -regulated)
l
Power consumption: 1.2 W
© Dynalog (India) Ltd., Mumbai
Ordering Information
l
ADAM 4017 :8 Channel Analog Input Module


Similar Part No. - ADAM4017

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM4055 ADVANTECH-ADAM4055 Datasheet
101Kb / 1P
Full-Motion H.264 Digital Video and Audio Surveillance Kit 16 Channel
More results

Similar Description - ADAM4017

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
M500M-4-20 SYSTEMSENSOR-M500M-4-20 Datasheet
244Kb / 2P
Analog Input Module
logo
Advantech Co., Ltd.
ADAM-4011 ADVANTECH-ADAM-4011 Datasheet
264Kb / 2P
Thermocouple Input Module Analog Input Module RTD Input Module
MIC-2718 ADVANTECH-MIC-2718 Datasheet
178Kb / 1P
16-Channel Analog Input Module
ADAM-4017+ ADVANTECH-ADAM-4017+ Datasheet
702Kb / 1P
8-ch Analog Input Module with Modbus
ADAM-4019 ADVANTECH-ADAM-4019 Datasheet
121Kb / 1P
8-channel Universal Analog Input Module
logo
Contec Co., Ltd
CPS-AI-1608LI CONTEC-CPS-AI-1608LI Datasheet
541Kb / 2P
Analog Input Module
logo
Advantech Co., Ltd.
ADAM-4016 ADVANTECH-ADAM-4016 Datasheet
286Kb / 1P
1-ch Analog Input/Output Module, 8-ch Analog Input Module
logo
WAGO Kontakttechnik Gmb...
750-458 WAGO-750-458 Datasheet
542Kb / 11P
8-channel analog input; Thermocouple; Adjustable
750-498 WAGO-750-498 Datasheet
494Kb / 10P
8-channel analog input; Thermocouple; Adjustable
logo
Schneider Electric
BMXART0814 SCHNEIDER-BMXART0814 Datasheet
217Kb / 6P
analog input module X80 - 8 inputs - temperature
Apr 18, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com