Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16373 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALVT16373
Description  2.5V/3.3V 16-bit transparent D-type latch 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16373 Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALVT16373 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16373 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16373 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16373 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16373 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16373 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16373 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16373 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16373 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74ALVT16373
2.5V/3.3V 16-bit transparent D-type latch (3-State)
1999 Oct 18
3
LOGIC SYMBOL
3
2
1Q0 1Q1 1Q2
6
5
1Q3
47
46
44
43
1D0 1D1 1D2 1D3
48
1
9
8
1Q4 1Q5 1Q6
12
11
1Q7
41
40
38
37
1D4 1D5 1D6 1D7
1LE
1OE
14
13
17
16
36
35
33
32
25
24
20
19
23
22
30
29
27
26
2Q0 2Q1 2Q2 2Q3
2D0 2D21 2D2 2D3
2Q4 2Q5 2Q6 2Q7
2D4 2D5 2D6 2D7
2LE
2OE
SA00044
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
47, 46, 44, 43, 41, 40, 38, 37,
36, 35, 33, 32, 30, 29, 27, 26
1D0 – 1D7
2D0 – 2D7
Data inputs
2, 3, 5, 6, 8, 9, 11, 12, 13,
14, 16, 17, 19, 20, 22, 23
1Q0 – 1Q7
2Q0 – 2Q7
Data outputs
1, 24
1OE, 2OE
Output enable
inputs
(active-Low)
48, 25
1LE, 2LE
Enable inputs
(active-High)
4, 10, 15, 21, 28, 34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive
supply voltage
LOGIC SYMBOL (IEEE/IEC)
48
1EN
1
∇
46
44
43
41
40
38
37
36
C3
2EN
C4
2
∇
1
24
25
47
35
33
32
30
29
27
26
3
2
5
6
8
9
11
12
13
14
16
17
19
20
22
23
SW00010
1OE
1LE
2OE
2LE
1D1
1D2
1D3
1D4
1D5
1D6
1D7
2D1
2D2
2D3
2D4
2D5
2D6
2D7
2D8
1Q1
1Q2
1Q3
1Q4
1Q5
1Q6
1Q7
1Q8
2Q1
2Q2
2Q3
2Q4
2Q5
2Q8
1D8
2Q6
2Q7
3D
4D
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
1Q0
1Q1
GND
1Q2
1Q3
1Q4
1Q5
GND
1Q6
1Q7
2Q0
2Q1
GND
2Q3
VCC
2Q4
VCC
2Q2
2Q5
GND
2Q7
2OE
2Q6
1LE
1D0
1D1
GND
1D2
1D3
1D4
1D5
GND
1D6
1D7
2D0
2D1
GND
2D3
VCC
2D4
VCC
2D2
2D5
GND
2D7
2LE
2D6
SA00043



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com