Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23LCV1024-I/P Datasheet(PDF) 16 Page - Microchip Technology

Part # 23LCV1024-I/P
Description  1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23LCV1024-I/P Datasheet(HTML) 16 Page - Microchip Technology

Back Button 23LCV1024-I/P Datasheet HTML 12Page - Microchip Technology 23LCV1024-I/P Datasheet HTML 13Page - Microchip Technology 23LCV1024-I/P Datasheet HTML 14Page - Microchip Technology 23LCV1024-I/P Datasheet HTML 15Page - Microchip Technology 23LCV1024-I/P Datasheet HTML 16Page - Microchip Technology 23LCV1024-I/P Datasheet HTML 17Page - Microchip Technology 23LCV1024-I/P Datasheet HTML 18Page - Microchip Technology 23LCV1024-I/P Datasheet HTML 19Page - Microchip Technology 23LCV1024-I/P Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
23LCV1024
DS20005156B-page 16
 2012-2021 Microchip Technology Inc.
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
8-Lead SOIC (3.90 mm)
XXXXYYWW
XXXXXXXT
NNN
Example
SN
2115
23LCVBI
13F
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
Example
XXXX
TYWW
NNN
3LVB
I115
13F
8-Lead PDIP (300 mil)
Example
XXXXXXXX
XXXXXNNN
YYWW
23LCVB
I/P
13F
2115
3
e
8-Lead TSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com