Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC608A Datasheet(PDF) 32 Page - Microchip Technology

Part # ATECC608A
Description  ATECC608A for LoRaWAN™ Data Sheet
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC608A Datasheet(HTML) 32 Page - Microchip Technology

Back Button ATECC608A_V01 Datasheet HTML 28Page - Microchip Technology ATECC608A_V01 Datasheet HTML 29Page - Microchip Technology ATECC608A_V01 Datasheet HTML 30Page - Microchip Technology ATECC608A_V01 Datasheet HTML 31Page - Microchip Technology ATECC608A_V01 Datasheet HTML 32Page - Microchip Technology ATECC608A_V01 Datasheet HTML 33Page - Microchip Technology ATECC608A_V01 Datasheet HTML 34Page - Microchip Technology ATECC608A_V01 Datasheet HTML 35Page - Microchip Technology ATECC608A_V01 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 81 page
background image
...........continued
# of Bytes
Input Data Param2 = 0x00 00
Input Data Param2 = 0x80 00
1
LSB of Param2 (always 0x00)
LSB of Param2 (always 0x00)
5.1.4.2
Nonce - Fixed
A fixed nonce is passed to the device and stored in one of the internal buffers. The size of the nonce may be either
32 or 64 bytes. The TempKey.SourceFlag is always set to input after this command is run. This mode of the Nonce
command does not run a SHA256 calculation or generate a random number.
Table 5-15. Fixed Nonce Input Parameters
Opcode
Mode
Param2
Data
Description
0x16
0x03
0x43
0x83
0x00
32 bytes
• 32 bytes written to TempKey
• 32 bytes written to Message Digest Buffer
• 32 bytes written to Alternate Key Buffer
0x23
0x63
0x00
64 bytes
• 64 bytes written to TempKey
• 64 bytes written to Message Digest Buffer
Table 5-16. Fixed Nonce Output Response
Name
Size
Description
Response
1 byte 0x00 if the command is completed successfully. Otherwise an error code is received.
Notes: 
1.
TempKey.SourceFlag is set to ‘1’ upon successful command completion, indicating nonce value was fixed
input value.
2.
TempKey.Valid is set to ‘1’, indicating the value is valid for other use.
5.1.5
Random Command
The Random command generates a random number to be used by the system. Random numbers are generated via
the internal NIST 800-90 A/B/C random number generator. The output of the command is always a 32-byte number
placed on the bus. The number cannot be stored in any data slot or SRAM location.
Table 5-17. Input Parameters - Random
OpCode
(1 Byte)
Mode
(1 Byte)
Param2
(2 Bytes)
Data
(0 Bytes)
Description
0x1B
0x00
0x00 00
—
Random command
Table 5-18. Output Response - Random
Name
Size
Description
RandOut
32 bytes
The output of the RNG
5.1.6
Read Command
The Read command can be used to access any of the EEPROM zones of the ATECC608A-TNGLoRaWAN device.
Data zone access is limited based on the access policies set for each of the slots. Encrypted reads are possible only
on the Data zone slots if specific access policies are set.
ATECC608A-TNGLoRaWAN
Device Commands
© 2020 Microchip Technology Inc.
Complete Datasheet
DS40002154B-page 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com