Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1502T12/CHY Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1502T12/CHY
Description  High-Precision Buffered Voltage Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1502T12/CHY Datasheet(HTML) 5 Page - Microchip Technology

  MCP1502T12/CHY Datasheet HTML 1Page - Microchip Technology MCP1502T12/CHY Datasheet HTML 2Page - Microchip Technology MCP1502T12/CHY Datasheet HTML 3Page - Microchip Technology MCP1502T12/CHY Datasheet HTML 4Page - Microchip Technology MCP1502T12/CHY Datasheet HTML 5Page - Microchip Technology MCP1502T12/CHY Datasheet HTML 6Page - Microchip Technology MCP1502T12/CHY Datasheet HTML 7Page - Microchip Technology MCP1502T12/CHY Datasheet HTML 8Page - Microchip Technology MCP1502T12/CHY Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
 2021 Microchip Technology Inc. and its subsidiaries
DS20006593A-page 5
MCP1502
2.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
VDD.............................................................................................................................................................................5.5V
Maximum current into VDD pin ............................................................................................................................... 30 mA
Clamp current, IK (VPIN < 0 or VPIN > VDD)...........................................................................................................±20 mA
Maximum output current sunk by OUT pin..............................................................................................................30 mA
Maximum output current sourced by OUT pin ........................................................................................................30 mA
(HBM:CDM:MM)................................................................................................................................ (2 kV:±1.5 kV:200V)
†Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above
those indicated in the operation listings of this specification is not implied. Exposure above maximum rating
conditions for extended periods may affect device reliability.
TABLE 2-1:
DC CHARACTERISTICS
Electrical Characteristics: Unless otherwise specified, VDD(MIN) VDD  5.5V at -40C  TA  +125C.
Characteristic
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Voltage
VDD
1.65
—
5.5
V
MCP1502-10
VDD
1.65
—
5.5
V
MCP1502-12
VDD
2.0
—
5.5
V
MCP1502-18
VDD
2.25
—
5.5
V
MCP1502-20
VDD
2.70
—
5.5
V
MCP1502-25
VDD
3.2
—
5.5
V
MCP1502-30
VDD
3.5
—
5.5
V
MCP1502-33
VDD
4.3
—
5.5
V
MCP1502-40
Power-on Reset Release
Voltage (Note 1)
VPOR
—1.45
—
V
Power-on Reset Rearm
Voltage (Note 2)
——
0.8
—
V
Output Voltage MCP1502-10
VOUT
1.0230
1.0240
1.0250
V
Temperature @ +25
C
MCP1502-12
1.2488
1.2500
1.2513
V
MCP1502-18
1.7982
1.800
1.8018
V
MCP1502-20
2.0460
2.0480
2.0500
V
MCP1502-25
2.4975
2.500
2.5025
V
MCP1502-30
2.9970
3.000
3.0030
V
MCP1502-33
3.2967
3.300
3.3033
V
MCP1502-40
4.0919
4.0960
4.1001
V
Temperature
Coefficient
MCP1502-XX
TC
—5
7
ppm/
C
Line Regulation
VOUT/VIN
—5
50
ppm/V
Load Regulation
VOUT/IOUT
—
5 ppm –
sink
40 ppm –
sink
ppm/mA -5 mA < ILOAD
Note 1: On rising VDD, the voltage at which the device internal Reset will get released.
2: On dropping VDD, the voltage at which the internal Reset circuit will reset. On dropping VDD, it is
recommended to bring the VDD below this voltage to get a proper Reset.
3: Before using the SHDN pin, the device should first be powered up. Once the device is fully powered up, then
the Shutdown pin can be used.
4: µVPP is six times the value of µVRMS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com