Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6L71 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6L71
Description  2 MHz, 150 μA Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L71 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6L71 Datasheet HTML 7Page - Microchip Technology MCP6L71 Datasheet HTML 8Page - Microchip Technology MCP6L71 Datasheet HTML 9Page - Microchip Technology MCP6L71 Datasheet HTML 10Page - Microchip Technology MCP6L71 Datasheet HTML 11Page - Microchip Technology MCP6L71 Datasheet HTML 12Page - Microchip Technology MCP6L71 Datasheet HTML 13Page - Microchip Technology MCP6L71 Datasheet HTML 14Page - Microchip Technology MCP6L71 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
 2009-2019 Microchip Technology Inc.
DS20002145B-page 11
MCP6L71/1R/2/4
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1 (single op amps) and Table 3-2 (dual and quad op amps).
TABLE 3-1:
PIN FUNCTION TABLE FOR SINGLE OP AMPS
TABLE 3-2:
PIN FUNCTION TABLE FOR DUAL AND QUAD OP AMPS
MCP6L71
MCP6L71R
Symbol
Description
MSOP, SOIC
SOT-23
SOT-23
244
VIN-
Inverting Input
333
VIN+
Noninverting Input
425
VSS
Negative Power Supply
611
VOUT
Analog Output
752
VDD
Positive Power Supply
1,5,8
—
—
NC
No Internal Connection
MCP6L72
MCP6L74
Symbol
Description
MSOP, SOIC
SOIC,
TSSOP
11
VOUTA
Analog Output (Op Amp A)
22
VINA-
Inverting Input (Op Amp A)
33
VINA+
Noninverting Input (Op Amp A)
84
VDD
Positive Power Supply
55
VINB+
Noninverting Input (Op Amp B)
66
VINB-
Inverting Input (Op Amp B)
77
VOUTB
Analog Output (Op Amp B)
—8
VOUTC
Analog Output (Op Amp C)
—9
VINC-
Inverting Input (Op Amp C)
—10
VINC+
Noninverting Input (Op Amp C)
411
VSS
Negative Power Supply
—12
VIND+
Noninverting Input (Op Amp D)
—13
VIND-
Inverting Input (Op Amp D)
—14
VOUTD
Analog Output (Op Amp D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com