Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9600 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP9600
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9600 Datasheet(HTML) 2 Page - Microchip Technology

  MCP9600 Datasheet HTML 1Page - Microchip Technology MCP9600 Datasheet HTML 2Page - Microchip Technology MCP9600 Datasheet HTML 3Page - Microchip Technology MCP9600 Datasheet HTML 4Page - Microchip Technology MCP9600 Datasheet HTML 5Page - Microchip Technology MCP9600 Datasheet HTML 6Page - Microchip Technology MCP9600 Datasheet HTML 7Page - Microchip Technology MCP9600 Datasheet HTML 8Page - Microchip Technology MCP9600 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 2
MCP960X/L0X/RL0X
Package Types
MCP960X/L0X/RL0X Block Diagram
MCP9600/L00/RL00
5 mm × 5 mm MQFN*
* Includes Exposed Thermal Pad (EP); see Table 3-1.
2
GND
VIN-
GND
Alert 4
Alert 3
GND
Alert 2
VIN+
EP
20
1
19 18 17
3
4
15
14
13
12
67 8
9
21
5
10
11
16
GND
Alert 1
2
GND
VIN-
GND
Alert 4
Alert 3
GND
Alert 2
VIN+
EP
20
1
19 18 17
3
4
15
14
13
12
67 8
9
21
5
10
11
16
GND
Alert 1
MCP9601/L01/RL01
5 mm × 5 mm MQFN*
ADC Core
Del Sig
+
VIN+
VIN-
Error Correction
User Registers
Resolution & Power Modes
Thermocouple Hot-Junction TH
Alert Limits
Alert 1 Output
Alert 2 Output
Alert 3 Output
Alert 4 Output
Hysteresis
Device ID
SCL
SDA
ADDR
Open-Circuit Alert
Short-Circuit Alert
VSENSE
MCP9601/L01/RL01
Only
Open-Circuit &
Short-Circuit
Detection
Thermocouple
Type Selection
Digital Filter
Alert Configuration
Sensor
Sensor Configuration
Junctions Delta Temperature T
Thermocouple Cold-Junction TC
I2C Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com