Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1502T25/Y Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP1502T25/Y
Description  High-Precision Buffered Voltage Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1502T25/Y Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP1502T25/Y Datasheet HTML 11Page - Microchip Technology MCP1502T25/Y Datasheet HTML 12Page - Microchip Technology MCP1502T25/Y Datasheet HTML 13Page - Microchip Technology MCP1502T25/Y Datasheet HTML 14Page - Microchip Technology MCP1502T25/Y Datasheet HTML 15Page - Microchip Technology MCP1502T25/Y Datasheet HTML 16Page - Microchip Technology MCP1502T25/Y Datasheet HTML 17Page - Microchip Technology MCP1502T25/Y Datasheet HTML 18Page - Microchip Technology MCP1502T25/Y Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
 2021 Microchip Technology Inc. and its subsidiaries
DS20006593A-page 15
MCP1502
4.0
THEORY OF OPERATION
The MCP1502 is a buffered voltage reference that is
capable of operating over a wide input supply range,
while providing a stable output across the input supply
range. Refer to the Block Diagram for the details of the
MCP1502. As with all band gap circuits, the internal
reference sums together two voltages having an
opposite temperature coefficient, which allows a
voltage reference that is practically independent from
temperature.
MCP1502 band gap is based on a second-order
temperature compensated circuit. This allows the
MCP1502 to achieve high initial accuracy and low-
temperature coefficient operation across voltage and
temperature. The band gap curvature compensation is
determined during device characterization and is
trimmed for optimal accuracy.
The MCP1502 also includes a chopper-based amplifier
architecture that ensures excellent low noise operation,
which further reduces temperature-dependent offsets
that would otherwise increase the temperature
coefficient of the MCP1502, and significantly improves
long-term drift performance. Additional circuitry is
included to eliminate the chopping frequency from the
output of the device.
After the band gap voltage is compensated, it is
attenuated, buffered and provided to the output drive
circuit. The device has excellent performance when
sinking or sourcing load currents (±20 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com