Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1502T33/Y Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP1502T33/Y
Description  High-Precision Buffered Voltage Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1502T33/Y Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP1502T33/Y Datasheet HTML 10Page - Microchip Technology MCP1502T33/Y Datasheet HTML 11Page - Microchip Technology MCP1502T33/Y Datasheet HTML 12Page - Microchip Technology MCP1502T33/Y Datasheet HTML 13Page - Microchip Technology MCP1502T33/Y Datasheet HTML 14Page - Microchip Technology MCP1502T33/Y Datasheet HTML 15Page - Microchip Technology MCP1502T33/Y Datasheet HTML 16Page - Microchip Technology MCP1502T33/Y Datasheet HTML 17Page - Microchip Technology MCP1502T33/Y Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
MCP1502
DS20006593A-page 14
 2021 Microchip Technology Inc. and its subsidiaries
Note: Unless otherwise specified, maximum values are: VDD(MIN) VDD  5.5V at TA = +25°C.
FIGURE 3-31:
MCP1502-40 Transient
Response vs. RS, VDD = 5V, CL = 4.7 nF.
FIGURE 3-32:
MCP1502-10 Transient
Response vs. VDD, CL = 4.7 nF.
FIGURE 3-33:
MCP1502-20 Transient
Response vs. VDD, CL = 4.7 nF.
FIGURE 3-34:
MCP1502-40 Transient
Response vs. VDD, CL = 4.7 nF.
10 μs/div
R
S = 0
R
S = 100Ω
R
S = 330Ω
10 μs/div
V
DD = 5.5V
V
DD = 3.3V
V
DD = 1.65V
10 μs/div
V
DD = 5.5V
V
DD = 3.3V
V
DD = 2.25V
10 μs/div
V
DD = 5.5V
V
DD = 5V
V
DD = 4.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com