Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6L91TE/OT Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6L91TE/OT
Description  10 MHz, 850 μA Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L91TE/OT Datasheet(HTML) 4 Page - Microchip Technology

  MCP6L91TE/OT Datasheet HTML 1Page - Microchip Technology MCP6L91TE/OT Datasheet HTML 2Page - Microchip Technology MCP6L91TE/OT Datasheet HTML 3Page - Microchip Technology MCP6L91TE/OT Datasheet HTML 4Page - Microchip Technology MCP6L91TE/OT Datasheet HTML 5Page - Microchip Technology MCP6L91TE/OT Datasheet HTML 6Page - Microchip Technology MCP6L91TE/OT Datasheet HTML 7Page - Microchip Technology MCP6L91TE/OT Datasheet HTML 8Page - Microchip Technology MCP6L91TE/OT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
MCP6L91/1R/2/4
DS20002141C-page 4
 2009-2019 Microchip Technology Inc.
TABLE 1-2:
AC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated: TA = +25°C, VDD = +5.0V, VSS = GND, VCM = VSS,
VOUT  VDD/2, VL = VDD/2, RL = 10 k to VL and CL = 60 pF (refer to Figure 1-1).
Parameters
Sym
Min
Typ
Max
Units
Conditions
AC Response
Gain Bandwidth Product
GBWP
—
10
—
MHz
Phase Margin
PM
—
65
—
°
G = +1
Slew Rate
SR
—
7
—
V/µs
Noise
Input Noise Voltage
Eni
—2.5
—
µVP-P f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—9.4
—
nV/
Hz f = 10 kHz
Input Noise Current Density
ini
—3—
fA/
Hz f = 1 kHz
TABLE 1-3:
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, all limits are specified for: VDD = +2.4V to +6.0V, VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Operating Temperature Range
TA
-40
—
+125
°C
(Note 1)
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 5-Lead SOT-23
JA
—256
—
°C/W
Thermal Resistance, 8-Lead SOIC (150 mil)
JA
—163
—
°C/W
Thermal Resistance, 8-Lead MSOP
JA
—206
—
°C/W
Thermal Resistance, 14-Lead SOIC
JA
—120
—
°C/W
Thermal Resistance, 14-Lead TSSOP
JA
—100
—
°C/W
Note 1:
Operation must not cause TJ to exceed maximum junction temperature specification (+150°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com