Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6L91TE/MS Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6L91TE/MS
Description  10 MHz, 850 μA Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L91TE/MS Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6L91TE/MS Datasheet HTML 9Page - Microchip Technology MCP6L91TE/MS Datasheet HTML 10Page - Microchip Technology MCP6L91TE/MS Datasheet HTML 11Page - Microchip Technology MCP6L91TE/MS Datasheet HTML 12Page - Microchip Technology MCP6L91TE/MS Datasheet HTML 13Page - Microchip Technology MCP6L91TE/MS Datasheet HTML 14Page - Microchip Technology MCP6L91TE/MS Datasheet HTML 15Page - Microchip Technology MCP6L91TE/MS Datasheet HTML 16Page - Microchip Technology MCP6L91TE/MS Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
 2009-2019 Microchip Technology Inc.
DS20002141C-page 13
MCP6L91/1R/2/4
4.0
APPLICATION INFORMATION
The MCP6L91/1R/2/4 family of op amps is manufac-
tured using Microchip’s state-of-the-art CMOS process.
It is designed for low-cost, low-power and general
purpose applications. The low supply voltage, low
quiescent current and wide bandwidth makes the
MCP6L91/1R/2/4 ideal for battery-powered applications.
4.1
Rail-to-Rail Inputs
4.1.1
PHASE REVERSAL
The MCP6L91/1R/2/4 op amps are designed to
prevent phase inversion when the input pins exceed
the supply voltages. Figure 2-10 shows an input
voltage exceeding both supplies without any phase
reversal.
4.1.2
INPUT VOLTAGE AND CURRENT
LIMITS
In order to prevent damage and/or improper operation
of these amplifiers, the circuit they are in must limit the
currents (and voltages) at the input pins (see
Section 1.1
“Absolute
Maximum
Ratings†”).
Figure 4-1 shows the recommended approach to
protecting these inputs. The internal ESD diodes
prevent the input pins (VIN+ and VIN-) from going too far
below ground, and the resistors, R1 and R2, limit the
possible current drawn out of the input pins. Diodes, D1
and D2, prevent the input pins (VIN+ and VIN-) from
going too far above VDD, and dump any currents onto
VDD.
FIGURE 4-1:
Protecting the Analog Inputs.
A significant amount of current can flow out of the
inputs (through the ESD diodes) when the Common-
mode voltage (VCM) is below ground (VSS); see
Figure 2-7. Applications that are high-impedance may
need to limit the usable voltage range.
4.1.3
NORMAL OPERATION
The input stage of the MCP6L91/1R/2/4 op amps use
two differential CMOS input stages in parallel. One
operates at low Common-mode input voltage (VCM),
while the other operates at high VCM. With this
topology, and at room temperature, the device
operates with VCM up to 0.3V above VDD and 0.3V
below VSS (typical at +25°C).
The transition between the two input stages occurs
when VCM = VDD – 1.1V. For the best distortion and
gain linearity, with noninverting gains, avoid this region
of operation.
4.2
Rail-to-Rail Output
The output voltage range of the MCP6L91/1R/2/4
op amps is VDD – 20 mV (minimum) and VSS + 20 mV
(maximum) when RL = 10 k, and is connected to VDD/2
and VDD = 5.0V. Refer to Figure 2-13 for more
information.
4.3
Capacitive Loads
Driving large capacitive loads can cause stability
problems for voltage feedback op amps. As the load
capacitance increases, the feedback loop’s phase
margin decreases and the closed-loop bandwidth is
reduced. This produces gain peaking in the frequency
response, with overshoot and ringing in the step
response.
When driving large capacitive loads with these
op amps (e.g., >100 pF when G = +1), a small series
resistor at the output (RISO in Figure 4-2) improves the
feedback loop’s stability by making the output load
resistive at higher frequencies; the bandwidth will
usually be decreased.
FIGURE 4-2:
Output Resistor, RISO,
Stabilizes Large Capacitive Loads.
Bench measurements are helpful in choosing RISO.
Adjust RISO so that a small signal step response (see
Figure 2-14) has reasonable overshoot (e.g., 4%).
V1
MCP6L9X
R1
VDD
D1
R1 >
VSS – (minimum expected V1)
2mA
R2 >
VSS – (minimum expected V2)
2mA
V2
R2
D2
R3
+
–
RISO
VOUT
CL
MCP6L9X
RF
RG
RN
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com