Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6L71RT-E/SN Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP6L71RT-E/SN
Description  2 MHz, 150 μA Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L71RT-E/SN Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP6L71RT-E/SN Datasheet HTML 13Page - Microchip Technology MCP6L71RT-E/SN Datasheet HTML 14Page - Microchip Technology MCP6L71RT-E/SN Datasheet HTML 15Page - Microchip Technology MCP6L71RT-E/SN Datasheet HTML 16Page - Microchip Technology MCP6L71RT-E/SN Datasheet HTML 17Page - Microchip Technology MCP6L71RT-E/SN Datasheet HTML 18Page - Microchip Technology MCP6L71RT-E/SN Datasheet HTML 19Page - Microchip Technology MCP6L71RT-E/SN Datasheet HTML 20Page - Microchip Technology MCP6L71RT-E/SN Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
 2009-2019 Microchip Technology Inc.
DS20002145B-page 17
MCP6L71/1R/2/4
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Device
Code
MCP6L71
WGNN
MCP6L71R
WFNN
Note: Applies to 5-Lead SOT-23.
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
5-Lead SOT-23 (MCP6L71, MCP6L71R)
XXNN
Example
WG25
XXXXXX
8-Lead MSOP (MCP6L71, MCP6L72)
YWWNNN
6L72E
Example
911256
XXXXXXXX
8-Lead SOIC (3.90 mm) (MCP6L71, MCP6L72)
XXXXYYWW
NNN
MCP6L72E
Example
SN
1911
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com