Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9600-E/MX Datasheet(PDF) 54 Page - Microchip Technology

Part # MCP9600-E/MX
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9600-E/MX Datasheet(HTML) 54 Page - Microchip Technology

Back Button MCP9600-E/MX Datasheet HTML 49Page - Microchip Technology MCP9600-E/MX Datasheet HTML 50Page - Microchip Technology MCP9600-E/MX Datasheet HTML 51Page - Microchip Technology MCP9600-E/MX Datasheet HTML 52Page - Microchip Technology MCP9600-E/MX Datasheet HTML 53Page - Microchip Technology MCP9600-E/MX Datasheet HTML 54Page - Microchip Technology MCP9600-E/MX Datasheet HTML 55Page - Microchip Technology MCP9600-E/MX Datasheet HTML 56Page - Microchip Technology MCP9600-E/MX Datasheet HTML 57Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 54 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 54
MCP960X/L0X/RL0X
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP9600:
Signal Conditioning IC(1)
MCP9600T:
Signal Conditioning IC(1) (Tape and Reel)
MCP96L00:
Signal Conditioning IC(1)
MCP96L00T:
Signal Conditioning IC(1) (Tape and Reel)
MCP96RL00:
Signal Conditioning IC(1)
MCP96RL00T:
Signal Conditioning IC(1) (Tape and Reel)
MCP9601:
Signal Conditioning IC(1)
MCP9601T:
Signal Conditioning IC(1) (Tape and Reel)
MCP96L01:
Signal Conditioning IC(1)
MCP96L01T:
Signal Conditioning IC(1) (Tape and Reel)
MCP96RL01:
Signal Conditioning IC(1)
MCP96RL01T: Signal Conditioning IC(1) (Tape and Reel)
Tape and Reel
Option:
T
= Tape and Reel(2)
Temperature Range:
E
= -40°C to +125°C
Package:
MX = More Thin Plastic Quad Flat, MQFN, 20-Lead
Note 1:
For custom thermocouple types or custom
features, please contact your local Microchip
sales office. Minimum purchase volumes are
required.
2:
Tape and Reel identifier only appears in the
catalog part number description. This identifier
is used for ordering purposes and is not
printed on the device package. Check with
your Microchip Sales Office for package
availability with the Tape and Reel option.
Examples:
a)
MCP9600-E/MX:
Extended temperature,
20-lead MQFN package
b)
MCP9600T-E/MX:
Tape and Reel,
Extended temperature,
20-lead MQFN package
c)
MCP96L00-E/MX:
Extended Temperature,
20-lead MQFN package
d)
MCP96L00T-E/MX:
Tape and Reel,
Extended temperature,
20-lead MQFN package
e)
MCP96RL00-E/MX: Extended temperature,
20-lead MQFN package
f)
MCP96RL00T-E/MX: Tape and Reel,
Extended temperature,
20-lead MQFN package
g)
MCP9601-E/MX:
Extended temperature,
20-lead MQFN package
h)
MCP9601T-E/MX:
Tape and Reel,
Extended temperature,
20-lead MQFN package
i)
MCP96L01-E/MX:
Extended Temperature,
20-lead MQFN package
j)
MCP96L01T-E/MX:
Tape and Reel,
Extended temperature,
20-lead MQFN package
k)
MCP96RL01-E/MX: Extended temperature,
20-lead MQFN package
l)
MCP96RL01T-E/MX: Tape and Reel,
Extended temperature,
20-lead MQFN package
PART NO.(1)
X
/XX
Package
Temperature
Range
Device
[X](2)
Tape and Reel
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com