Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6L91RTE/OT Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP6L91RTE/OT
Description  10 MHz, 850 μA Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L91RTE/OT Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP6L91RTE/OT Datasheet HTML 31Page - Microchip Technology MCP6L91RTE/OT Datasheet HTML 32Page - Microchip Technology MCP6L91RTE/OT Datasheet HTML 33Page - Microchip Technology MCP6L91RTE/OT Datasheet HTML 34Page - Microchip Technology MCP6L91RTE/OT Datasheet HTML 35Page - Microchip Technology MCP6L91RTE/OT Datasheet HTML 36Page - Microchip Technology MCP6L91RTE/OT Datasheet HTML 37Page - Microchip Technology MCP6L91RTE/OT Datasheet HTML 38Page - Microchip Technology MCP6L91RTE/OT Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
 2009-2019 Microchip Technology Inc.
DS20002141C-page 35
MCP6L91/1R/2/4
APPENDIX A: REVISION HISTORY
Revision C (October 2019)
The following is the list of modifications:
1.
Updated Section 6.0 “Packaging
Information”.
Revision B (September 2011)
The following is the list of modifications:
2.
Updated the value for the Current at Output and
Supply Pins parameter in the Section 1.1
“Absolute Maximum Ratings†”section.
3.
Added Section 5.1 “SPICE Macro Model”.
Revision A (March 2009)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com