Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V96T-E/ST Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6V96T-E/ST
Description  10 MHz, Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V96T-E/ST Datasheet(HTML) 4 Page - Microchip Technology

  MCP6V96T-E/ST Datasheet HTML 1Page - Microchip Technology MCP6V96T-E/ST Datasheet HTML 2Page - Microchip Technology MCP6V96T-E/ST Datasheet HTML 3Page - Microchip Technology MCP6V96T-E/ST Datasheet HTML 4Page - Microchip Technology MCP6V96T-E/ST Datasheet HTML 5Page - Microchip Technology MCP6V96T-E/ST Datasheet HTML 6Page - Microchip Technology MCP6V96T-E/ST Datasheet HTML 7Page - Microchip Technology MCP6V96T-E/ST Datasheet HTML 8Page - Microchip Technology MCP6V96T-E/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
MCP6V96/6U/7/9
DS20006467A-page 4
 2020 Microchip Technology Inc.
Common-Mode
Common-Mode
Input Voltage Range Low
VCML
——
VSS –0.2
V
Common-Mode
Input Voltage Range High
VCMH VDD +0.3
—
—
V
Common-Mode Rejection Ratio
CMRR
104
132
—
dB
VDD =2.4V,
VCM = -0.2V to 2.7V
CMRR
112
140
—
dB
VDD =5.5V,
VCM = -0.2V to 5.8V
Open-Loop Gain
DC Open-Loop Gain (Large Signal)
AOL
97
142
—
dB
VDD =2.4V,
VOUT = 0.3V to 2.0V
AOL
111
158
—
dB
VDD =5.5V,
VOUT = 0.3V to 5.3V
Output
Minimum Output Voltage Swing
VOL
VSS
VSS +35
VSS +120
mV
RL =1 kΩ, G = +2,
0.5V input overdrive
VOL
—VSS +7
—
mV
RL =10kΩ, G = +2,
0.5V input overdrive
Maximum Output Voltage Swing
VOH VDD –120 VDD –45
VDD
mV
RL =1 kΩ, G = +2,
0.5V input overdrive
VOH
—VDD –9
—
mV
RL =10kΩ, G = +2,
0.5V input overdrive
Output Short-Circuit Current
ISC
—±15
—
mA
VDD =2.4V
ISC
—±40
—
mA
VDD =5.5V
Power Supply
Supply Voltage
VDD
2.4
—
5.5
V
Quiescent Current per Amplifier
IQ
0.6
1.1
1.6
mA
IO =0
Power-on Reset (POR) Trip Voltage
VPOR
1.41.852.2
V
TABLE 1-1:
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +2.4V to +5.5V, VSS =GND,
VCM =VDD/3, VOUT =VDD/2, VL =VDD/2, RL =10kΩ to VL and CL = 30 pF (refer to Figures 1-4 and 1-5).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
For design guidance only; not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com