Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6L91RTE/SL Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6L91RTE/SL
Description  10 MHz, 850 μA Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L91RTE/SL Datasheet(HTML) 1 Page - Microchip Technology

  MCP6L91RTE/SL Datasheet HTML 1Page - Microchip Technology MCP6L91RTE/SL Datasheet HTML 2Page - Microchip Technology MCP6L91RTE/SL Datasheet HTML 3Page - Microchip Technology MCP6L91RTE/SL Datasheet HTML 4Page - Microchip Technology MCP6L91RTE/SL Datasheet HTML 5Page - Microchip Technology MCP6L91RTE/SL Datasheet HTML 6Page - Microchip Technology MCP6L91RTE/SL Datasheet HTML 7Page - Microchip Technology MCP6L91RTE/SL Datasheet HTML 8Page - Microchip Technology MCP6L91RTE/SL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
 2009-2019 Microchip Technology Inc.
DS20002141C-page 1
MCP6L91/1R/2/4
Features
• Available in SOT-23 Package
• Gain Bandwidth Product: 10 MHz (typical)
• Rail-to-Rail Input/Output
• Supply Voltage: 2.4V to 6.0V
• Supply Current: IQ = 0.85 mA/Amplifier (typical)
• Extended Temperature Range: -40°C to +125°C
• Available in Single, Dual and Quad Packages
Typical Applications
• Portable Equipment
• Photodiode Amplifier
• Analog Filters
• Notebooks and PDAs
• Battery-Powered Systems
Design Aids
• SPICE Macro Model
•FilterLab® Software
• Microchip Advanced Part Selector (MAPS)
• Analog Demonstration and Evaluation Boards
• Application Notes
Typical Application
Description
The Microchip Technology Inc. MCP6L91/1R/2/4 family
of operational amplifiers (op amps) provides wide
bandwidth for the current. The input bias currents and
voltage ranges make it easier to fit into many
applications.
This family has a 10 MHz Gain Bandwidth Product
(GBWP) and a low 850 µA per amplifier quiescent
current. These op amps operate on supply voltages
between 2.4V and 6.0V, with rail-to-rail input and output
swing. They are available in the extended temperature
range.
Package Types
Low-Pass Filter
R1
VIN
VOUT
R2
3.01 k
 6.81 k
MCP6L91
C1
120 nF
R3
9.31 k
C3
27 nF
C2
12 nF
–
+
MCP6L91
SOT-23
MCP6L92
SOIC, MSOP
VIN+
VSS
VIN-
1
2
3
5
4
VDD
VOUT
VINA+
VINA-
VSS
1
2
3
4
8
7
6
5
VOUTA
VDD
VOUTB
VINB-
VINB+
MCP6L94
SOIC, TSSOP
VINA+
VINA-
VDD
1
2
3
4
14
13
12
11
VOUTA
VOUTD
VIND-
VIND+
VSS
VINB+ 5
10 VINC+
MCP6L91R
SOT-23
VIN+
VDD
VIN-
1
2
3
5
4
VSS
VOUT
VINB- 6
9 VINC-
VOUTB 7
8 VOUTC
MCP6L91
SOIC, MSOP
VIN+
VIN-
VSS
1
2
3
4
8
7
6
5
NC
NC
VDD
VOUT
NC
10 MHz, 850 µA Op Amps


Similar Part No. - MCP6L91RTE/SL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6L91RT MICROCHIP-MCP6L91RT Datasheet
480Kb / 30P
10 MHz, 850 關A Op Amps
2009
MCP6L91RT-E/MS MICROCHIP-MCP6L91RT-E/MS Datasheet
480Kb / 30P
10 MHz, 850 關A Op Amps
2009
MCP6L91RT-E/OT MICROCHIP-MCP6L91RT-E/OT Datasheet
480Kb / 30P
10 MHz, 850 關A Op Amps
2009
MCP6L91RT-E/SL MICROCHIP-MCP6L91RT-E/SL Datasheet
480Kb / 30P
10 MHz, 850 關A Op Amps
2009
MCP6L91RT-E/SN MICROCHIP-MCP6L91RT-E/SN Datasheet
480Kb / 30P
10 MHz, 850 關A Op Amps
2009
More results

Similar Description - MCP6L91RTE/SL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6021 MICROCHIP-MCP6021 Datasheet
618Kb / 28P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2003
MCP6021 MICROCHIP-MCP6021_09 Datasheet
673Kb / 42P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2009
MCP6L91 MICROCHIP-MCP6L91 Datasheet
480Kb / 30P
10 MHz, 850 關A Op Amps
2009
MCP6H01 MICROCHIP-MCP6H01_12 Datasheet
1Mb / 46P
1.2 MHz, 16V Op Amps
2010-2011
MCP6H71 MICROCHIP-MCP6H71_12 Datasheet
1Mb / 42P
2.7 MHz, 12V Op Amps
11/29/12
MCP6H81 MICROCHIP-MCP6H81_12 Datasheet
1Mb / 42P
5.5 MHz, 12V Op Amps
2012 11/29/12
MCP6H91 MICROCHIP-MCP6H91_12 Datasheet
1Mb / 42P
10 MHz, 12V Op Amps
2012 11/29/12
MCP6L71 MICROCHIP-MCP6L71_V01 Datasheet
934Kb / 40P
2 MHz, 150 μA Op Amps
Revision B October 2019
MCP6V96 MICROCHIP-MCP6V96 Datasheet
2Mb / 52P
10 MHz, Zero-Drift Op Amps
Revision A November 2020
MCP6071 MICROCHIP-MCP6071_V01 Datasheet
856Kb / 42P
110 μA, High Precision Op Amps
Revision C November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com