Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9601-E/MX Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP9601-E/MX
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9601-E/MX Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP9601-E/MX Datasheet HTML 16Page - Microchip Technology MCP9601-E/MX Datasheet HTML 17Page - Microchip Technology MCP9601-E/MX Datasheet HTML 18Page - Microchip Technology MCP9601-E/MX Datasheet HTML 19Page - Microchip Technology MCP9601-E/MX Datasheet HTML 20Page - Microchip Technology MCP9601-E/MX Datasheet HTML 21Page - Microchip Technology MCP9601-E/MX Datasheet HTML 22Page - Microchip Technology MCP9601-E/MX Datasheet HTML 23Page - Microchip Technology MCP9601-E/MX Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 20
MCP960X/L0X/RL0X
4.0
SERIAL COMMUNICATION
4.1
Two-Wire Standard Mode I2C
Protocol-Compatible Interface
The MCP960X/L0X/RL0X Serial Clock Input (SCL) and
the bidirectional Serial Data Line (SDA) form a two-wire
bidirectional data communication line (refer to the
Input/Output Pin DC Characteristics table and
Sensor Serial Interface Timing Specifications
table).
The following bus protocol has been defined:
4.1.1
DATA TRANSFER
Data transfers are initiated by a Start condition
(START), followed by a 7-bit device address and a
read/write bit. An Acknowledge (ACK) from the device
confirms the reception of each byte. Each access must
be terminated by a Stop condition (STOP).
Repeated communication is initiated after tB-FREE.
This device supports the Receive Protocol. The
register can be specified using the pointer for the initial
read. Each repeated read or receive begins with a Start
condition and address byte. The MCP960X/L0X/RL0X
retains the previously selected register. Therefore, it
outputs data from the previously-specified register
(repeated pointer specification is not necessary).
4.1.2
HOST/DEVICE
The bus is controlled by a host device (typically a
microcontroller) that controls the bus access, and
generates the Start and Stop conditions. The
MCP960X/L0X/RL0X is a device and does not control
other devices in the bus. Both host and device can
operate as either transmitter or receiver. However, the
host device determines which mode is activated.
4.1.3
START/STOP CONDITION
A high-to-low transition of the SDA line (while SCL is
high) is the Start condition. All data transfers must be
preceded by a Start condition from the host. A
low-to-high transition of the SDA line (while SCL is
high) signifies a Stop condition.
If a Start or Stop condition is introduced during data
transmission, the MCP960X/L0X/RL0X releases the
bus. All data transfers are ended by a Stop condition
from the host.
4.1.4
ADDRESS BYTE
Following the Start condition, the host must transmit an
8-bit address byte to the MCP960X/L0X/RL0X. The
address for the MCP960X/L0X/RL0X temperature sensor
is ‘11,0,0,A2,A1,A0’ in binary, where the A2, A1 and
A0 bits are set externally by connecting the corresponding
VADDR voltage levels on the ADDR pin (see the
“Input/Output Pin DC Characteristics” section). The
7-bit address transmitted in the serial bit stream must
match the selected address for the MCP960X/L0X/RL0X
to respond with an ACK. Bit 8 in the address byte is a
read/write bit. Setting this bit to ‘1’ commands a read oper-
ation, while ‘0’ commands a write operation (see
Figure 4-1).
FIGURE 4-1:
Device Addressing.
TABLE 4-1:
MCP960X/L0X/RL0X
SERIAL BUS PROTOCOL
DESCRIPTIONS
Term
Description
Host
The device that controls the serial bus,
typically a microcontroller
Device
The device addressed by the host,
such as the MCP960X/L0X/RL0X
Transmitter Device sending data to the bus
Receiver
Device receiving data from the bus
START
A unique signal from host to initiate
serial interface with a device
STOP
A unique signal from the host to
terminate serial interface from a device
Read/Write A read or write to the
MCP960X/L0X/RL0X registers
ACK
A receiver Acknowledges (ACK) the
reception of each byte by polling the
bus
NAK
A receiver Not Acknowledges (NAK) or
releases the bus to show End-of-Data
(EOD)
Busy
Communication is not possible
because the bus is in use
Not Busy
The bus is in the Idle state, both SDA
and SCL remain high
Data Valid
SDA must remain stable before SCL
becomes high in order for a data bit to
be considered valid. During normal
data transfers, SDA only changes state
while SCL is low.
1
2345
67
8
9
SCL
SDA
11
0 0 A2 A1 A0
Start
Command Byte
Address
R/W
MCP960X/L0X/RL0X Response
A
C
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com