Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9601T-E/MX Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP9601T-E/MX
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9601T-E/MX Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP9601T-E/MX Datasheet HTML 19Page - Microchip Technology MCP9601T-E/MX Datasheet HTML 20Page - Microchip Technology MCP9601T-E/MX Datasheet HTML 21Page - Microchip Technology MCP9601T-E/MX Datasheet HTML 22Page - Microchip Technology MCP9601T-E/MX Datasheet HTML 23Page - Microchip Technology MCP9601T-E/MX Datasheet HTML 24Page - Microchip Technology MCP9601T-E/MX Datasheet HTML 25Page - Microchip Technology MCP9601T-E/MX Datasheet HTML 26Page - Microchip Technology MCP9601T-E/MX Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 23
MCP960X/L0X/RL0X
FIGURE 4-4:
Timing Diagram to Set a Register Pointer, Write One Byte, and Read the Data.
SDA
A
C
K
11
00
A
00
0
0
A
C
K
S
2
A
1
A
0
12
3
4
56
7
8
1
2
3
456
7
8
SCL
0
Address Byte
W
10
1
P
A
C
K
11 0 0 A
N
A
K
S
P
2
A
1
A
0
12
3 4 5 678
1
2
3 4 567 8
Address Byte
LSB Data
R
Host
SDA
SCL
x x xxx x x x
TABLE 4-3:
POINTERS
Read/Write
Registers
Pointer
STATUS
0000 0100
Configuration
0000 0101
0000 0110
xx
x
x
A
C
K
1
2
3
456
7
8
xx
x
x
Register Data
Note: this is an example pseudo routine:
i2c_start();
// send START command
i2c_write(b’1100 0000’);
// WRITE Command
// also, make sure bit 0 is cleared ‘0’
i2c_write(b’0000 0101’);
// Write Status or Configuration registers
i2c_write(b’XXXX XXXX’);
// Write register data
i2c_stop();
// send STOP command
i2c_start();
// send START command
i2c_write(b’1100 0001’);
// READ Command
// also, make sure bit 0 is set ‘1’
Data = i2c_read(NAK);
// READ 8 bits (with t
STRETCH delay)
// and Send NAK bit
i2c_stop();
// send STOP command
Device*
Device*
MCP960X/L0X/RL0X Clock Stretching,
tSTRETCH
Device*
Configuration
(Table 4-3)
*MCP960X/L0X/RL0X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com