Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16541 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVT16541
Description  2.5V/3.3V 16-bit buffer/driver 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16541 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVT16541 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16541 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16541 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16541 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16541 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16541 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16541 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16541 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16541 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74ALVT16541
2.5V/3.3V 16-bit buffer/driver (3-State)
2
1998 Feb 13
853-1857 18958
FEATURES
• 16-bit universal bus interface
• 5V I/O compatibile
• 3-State buffers
• Output capability: +64mA/-32mA
• TTL input and output switching levels
• Input and output interface capability to systems at 5V supply
• Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
• Live insertion/extraction permitted
• Power-up 3-State
• No bus current loading when output is tied to 5V bus
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The 74ALVT16541 is a high-performance BiCMOS product
designed for VCC operation at 2.5V or 3.3V with I/O compatibility up
to 5V.
This device can be used as two octal buffers or one 16-bit buffer.
The device is ideal for driving bus lines.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
SYMBOL
PARAMETER
Tamb = 25°C
2.5V
3.3V
UNIT
tPLH
tPHL
Propagation delay
nAx to nYx
CL = 50pF
1.8
1.7
1.4
1.4
ns
CIN
Input capacitance nOEx
VI = 0V or VCC
3
3
pF
COut
Output pin capacitance
Outputs disabled; VO = 0V or VCC
9
9
pF
ICCZ
Total supply current
Outputs disabled
40
70
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
48-Pin Plastic SSOP Type III
–40
°C to +85°C
74ALVT16541 DL
AV16541 DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ALVT16541 DGG
AV16541 DGG
SOT362-1
LOGIC SYMBOL
SA00069
1
48
47
46
44
43
41
40
38
37
2
3
5
6
8
9
11
12
24
25
36
35
33
32
30
29
27
26
13
14
16
17
19
20
22
23
1OE0
1OE1
1A0
1A1
1A2
1A3
1A4
1A5
1A6
1A7
1Y0
1Y1
1Y2
1Y3
1Y4
1Y5
1Y6
1Y7
2OE0
2OE1
2A0
2A1
2A2
2A3
2A4
2A5
2A6
2A7
2Y0
2Y1
2Y2
2Y3
2Y4
2Y5
2Y6
2Y7
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
47, 46, 44, 43,
41, 40, 38, 37,
36, 35, 33, 32,
30, 29, 27, 26
1A0–1A7
2A0–2A7
Data inputs
2, 3, 5, 6, 8,
9, 11, 12,13,
14, 16, 17, 19,
20, 22, 23
1Y0–1Y7
2Y0–2Y7
Data outputs
1, 48
24, 25
1OE0, 1OE1,
2OE0, 2OE1
Output enables
4, 10, 15, 21,
28, 34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com