Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S2X Datasheet(PDF) 76 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 72Page - NXP Semiconductors LPC55S2X Datasheet HTML 73Page - NXP Semiconductors LPC55S2X Datasheet HTML 74Page - NXP Semiconductors LPC55S2X Datasheet HTML 75Page - NXP Semiconductors LPC55S2X Datasheet HTML 76Page - NXP Semiconductors LPC55S2X Datasheet HTML 77Page - NXP Semiconductors LPC55S2X Datasheet HTML 78Page - NXP Semiconductors LPC55S2X Datasheet HTML 79Page - NXP Semiconductors LPC55S2X Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 140 page
background image
LPC55S2x/LPC552x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2022. All rights reserved.
Product data sheet
Rev. 2.2 — 8 December 2022
76 of 139
NXP Semiconductors
LPC55S2x/LPC552x
32-bit ARM Cortex-M33 microcontroller
10.2 CoreMark data
[1] Clock source FRO. PLL disabled
[2] Characterized through bench measurements using typical samples.
[3] Compiler settings: Keil v.5.28, optimization level 3, optimized for time on.
[4] See the FLASHCFG register in the LPC55S2x/LPC552x User Manual for system clock flash access time settings. Power Library in SDK
sets the flash wait states based on the frequency selected.
[5] PLL enabled
[6] Power library in SDK sets the DCDC output based on the frequency selected. For frequencies 100 MHz or below, DCDC output is set
between 1.0 V to 1.075 V, for frequencies between 101 MHz to 130 MHz, DCDC output is set between 1.025 V to 1.150 V and for
frequencies above 130 MHz, DCDC output is set between 1.050 V to 1.2 V. The typical default DCDC output is 1.0 V.
Table 14. CoreMark score [6]
Tamb = 25C, VBAT_PMU = VBAT_DCDC = VDD = 3.0 V
Parameter
Conditions
Typ [2]
Unit
ARM Cortex-M33 in active mode
CoreMark score
CoreMark code executed from SRAMX;
CCLK = 12 MHz
[1][3]
4.0
(Iterations/s) / MHz
CCLK = 48 MHz
[1][3]
4.0
(Iterations/s) / MHz
CCLK = 60 MHz
[1][3]
4.0
(Iterations/s) / MHz
CCLK = 96 MHz
[1][3]
4.0
(Iterations/s) / MHz
CCLK = 100 MHz
[3][5]
4.0
(Iterations/s) / MHz
CCLK = 150 MHz
[3][5]
4.0
(Iterations/s) / MHz
CoreMark score
CoreMark code executed from flash;
CCLK = 12 MHz; 2 system clock flash
access time.
[1][3][4]
3.6
(Iterations/s) / MHz
CCLK = 48 MHz, 5 system clock flash
access time.
[1][3][4]
3.0
(Iterations/s) / MHz
CCLK = 60 MHz, 6 system clock flash
access time.
[1][3][4]
2.5
(Iterations/s) / MHz
CCLK = 96 MHz, 8 system clock flash
access time.
[1][3][4]
2.3
(Iterations/s) / MHz
CCLK = 100 MHz, 8 system clock flash
access time.
[3][4][5]
2.3
(Iterations/s) / MHz
CCLK = 150 MHz, 12 system clock flash
access time.
[3][4][5]
2.0
(Iterations/s) / MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com