Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS8610BMBA0ES Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MFS8610BMBA0ES
Description  Fail-safe system basis chip with multiple SMPSs and LDOs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS8610BMBA0ES Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MFS8610BMBA0ES Datasheet HTML 7Page - NXP Semiconductors MFS8610BMBA0ES Datasheet HTML 8Page - NXP Semiconductors MFS8610BMBA0ES Datasheet HTML 9Page - NXP Semiconductors MFS8610BMBA0ES Datasheet HTML 10Page - NXP Semiconductors MFS8610BMBA0ES Datasheet HTML 11Page - NXP Semiconductors MFS8610BMBA0ES Datasheet HTML 12Page - NXP Semiconductors MFS8610BMBA0ES Datasheet HTML 13Page - NXP Semiconductors MFS8610BMBA0ES Datasheet HTML 14Page - NXP Semiconductors MFS8610BMBA0ES Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NXP Semiconductors
FS8600_SDS
Fail-safe system basis chip with multiple SMPSs and LDOs
9 Electrostatic discharge
9.1 Human body model (JESD22/A114)
The device is protected up to ±2 kV, according to the human body model standard with
100 pF and 1.5 kΩ. This protection is ensured at all pins.
9.2 Charged device model
The device is protected up to ±750 V on corner pins and up to ±500 V on all other pins,
according to the AEC Q100 - 011 charged device model standard.
9.3 Discharged contact test
The device is protected up to ±8 kV, according to the following discharged contact tests.
• Discharged contact test (IEC61000-4-2) at 150 pF and 330 Ω
• Discharged contact test (ISO10605.2008) at 150 pF and 2 kΩ
• Discharged contact test (ISO10605.2008) at 330 pF and 2 kΩ
This protection is ensured at VSUP1, VSUP2, WAKE1, WAKE2, FS0B pins.
10 Thermal ratings
Symbol
Description (Rating)
Min
Max
Unit
Thermal ratings
TA
Ambient temperature (Grade 1)
−40
125
°C
TJ
Junction temperature (Grade 1)
−40
150
°C
TSTG
Storage temperature
−55
150
°C
Thermal resistance (per JEDEC JESD51-2 and JESD51-8)
RθJA
Thermal resistance junction to ambient (2s2p)
—
31
°C/W
RθJA
Thermal resistance junction to ambient (2s6p)
—
23
°C/W
RθJB
Thermal resistance junction to board (2s2p)
—
15
°C/W
RθJB
Thermal resistance junction to board (2s6p)
—
10
°C/W
RθJC_BOT
Thermal resistance junction to case bottom
(between the die and the solder pad on the bottom of the package)
—
1
°C/W
RθJP_TOP
Thermal resistance junction to package top (between package top and the
junction temperature)
—
3
°C/W
Table 5. Thermal ratings
FS8600_SDS
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product short data sheet
Rev. 2.0 — 7 December 2022
11 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com