Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE050 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SE050
Description  Plug & Trust Secure Element
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE050 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SE050 Datasheet HTML 5Page - NXP Semiconductors SE050 Datasheet HTML 6Page - NXP Semiconductors SE050 Datasheet HTML 7Page - NXP Semiconductors SE050 Datasheet HTML 8Page - NXP Semiconductors SE050 Datasheet HTML 9Page - NXP Semiconductors SE050 Datasheet HTML 10Page - NXP Semiconductors SE050 Datasheet HTML 11Page - NXP Semiconductors SE050 Datasheet HTML 12Page - NXP Semiconductors SE050 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
NXP Semiconductors
SE050
Plug & Trust Secure Element
aaa-037450
1
0
0
1
target address
0
0
0 R/W
Figure 3. target address
The I2C controller interface is supposed to be used with target devices that need to be
securely written and read. This interface features a maximum SCL clock rate of 400 kHz.
I2C controller can only be used when the I2C target interface is active.
4.1.1 Supported I2C frequencies
The SE050 I2C target interface supports the I2C high-speed mode with a maximum
SCL clock of up to 3.4 MHz when clock stretching is enabled. In case clock stretching
is disabled the maximum supported SCL clock frequency is 1.0 MHz. This is the default
setting for the SE050 new generation products, SE050E.
In the following SE050 configurations, A,B,C,D,F, the Clock stretching is enabled
by default. Clock stretching will occur for frequencies higher than 600 kHz. In case
clock stretching is not supported by the I2C controller a dedicated configuration with
disabled clock stretching has to be used to ensure the above mentioned maximum clock
frequency.
The SE050 I2C controller interface supports maximum 400 kHz SCL clock frequency.
For more details on the features of each configuration, refer to [4].
4.2 ISO7816 and ISO14443 Interface
The SE050 supports in addition to the I2C interface ISO78161 and ISO14443-A
Smartcard interfaces. For the ISO7816 interface SmartCard protocols T=0 and T=1 are
supported. For the ISO14443 interface protocol T=CL is used. The supported resonance
input capacitance is 56 pF. In addition one additional GPIO pad IO2 is supported.
The RST_N pin can only be used as external reset source if the ISO7816 interface is
enabled. If only the I2C interface is enabled the RST_N pad has no effect. If the SE050 is
kept in reset state the current consumption is as defined for idle, see Table 12.
5 Power-saving modes
The device provides two power-saving operation modes. The Power-down mode (with
state retention) and the Deep Power-down mode (no state retention). These modes are
activated via pad ENA (Deep Power-down mode) or by the SW (Power-down mode).
5.1 Power-down mode
The Power-down mode has the following properties:
• All internal clocks are frozen
• CPU enters power-saving mode with program execution being stopped
1
ISO7816 is not enabled in generic SE050 configurations (see [4], AN12436) but available on customer
request.
SE050
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.5 — 22 August 2022
504935
9 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com