Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-5630N66-R80 Datasheet(PDF) 2 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-5630N66-R80
Description  PLCC/Ceramic Based LED Components
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-5630N66-R80 Datasheet(HTML) 2 Page - American Bright OPTOELECTRONICS CORP.

  BL-5630N66-R80 Datasheet HTML 1Page - American Bright OPTOELECTRONICS CORP. BL-5630N66-R80 Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-5630N66-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-5630N66-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-5630N66-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-5630N66-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-5630N66-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-5630N66-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-5630N66-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
Ver1.0 Page: 3 of 11
SI N CE 198 1
● Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
Vf
2.9
3.2
3.4
V
Luminous Intensity
Iv
12000
--
-
mcd
Luminous Flux
ΦV
24
--
-
lm
x
-
0.43
-
Chromaticity Coordinates
y
-
0.40
-
-
Color Temperature
CCT
3710
-
4745
K
Viewing Angle
2
θ
1/2
-
120
-
deg
Color Rendering Index
CRI
IF =65mA
80
-
-
-
● Typical Electro-Optical Characteristics Curves.
0
0.5
1.0
125
95
65
35
F orw ard current (m A )
155
F ig.5 R elative lum inous intensity v s. forw ard current
2.0
1.5
F ig.6 R adia tion diagram
F ig.6 R adia tion diagram
A m bient tem perature Ta( C )
A
-25
0
25
0
0.5
75
50
1 00
1.5
1.0
2.0
a m bien t tem perature
2.5
3.0
F ig.4 R elative lum inous intensity vs.
0.5
0.7
0.8
0.3
0.1
0.2
0 .4
10
20
0
0.9
1.0
90
0.6
80
60
70
50
40
30
Fig .1 R E L A TIV E IN TE N S IT Y VS. W AVEL E N G TH
0.0
380
0.2
0.6
W A V EL E N G T H
(nm )
430
480
530
580
630
680
730
80 0
0.1
0.5
0.8
[IF= 65m A T a=25
]
⊥
0.3
0.4
0.7
0.9
1.0
Fig.3 F orw ard cu rre nt vs. forw ard voltage
F orw ard volta ge(V )
20
1
0
3
40
60
80
100
7
59
0
A m b ient tem pe rature T a( C )
40
20
60
100
80
F ig.2 F orw ard current d erating curve
60
40
80
100
120
vs. am bie nt tem perature
2
4
6
8
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com