Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16601 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74ALVT16601
Description  18-bit universal bus transceiver 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16601 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVT16601 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16601 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16601 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16601 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16601 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16601 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16601 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16601 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16601 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors
Product specification
74ALVT16601
2.5V/3.3V 18-bit universal bus transceiver (3-State)
1998 Feb 13
6
AC CHARACTERISTICS (3.3V
"0.3V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
UNIT
MIN
TYP1
MAX
fMAX
Maximum clock frequency
1
MHz
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
2
1.0
1.0
1.5
1.9
2.3
2.9
ns
tPLH
tPHL
Propagation delay Clock Low or High
LEAB to Bn or LEBA to An
3
1.5
1.5
2.2
2.6
3.5
3.9
ns
tPLH
tPHL
Propagation delay
CPAB to Bn or CPBA to An
1
1.5
1.5
2.2
2.9
3.3
4.1
ns
tPZH
tPZL
Output enable time
to High and Low level
5
6
1.0
1.0
2.3
1.6
3.9
2.8
ns
tPHZ
tPLZ
Output disable time
from High and Low Level
5
6
1.5
1.5
2.9
2.4
4.1
3.6
ns
NOTE:
1.
All typical values are at VCC = 3.3V and Tamb = 25°C.
AC SETUP REQUIREMENTS (3.3V
"0.3V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
UNIT
MIN
TYP1
ts(H)
ts(L)
Setup time, High or Low
An to CPAB or Bn to CPBA
4
1.5
1.5
0.4
0.6
ns
th(H)
th(L)
Hold time, High or Low
An to CPAB or Bn to CPBA
4
1.0
1.0
–0.5
–0.3
ns
ts(H)
ts(L)
Setup time, High or Low Clock Low
An to LEAB or Bn to LEBA
4
1.0
1.0
–0.5
–0.1
ns
th(H)
th(L)
Hold time, High or Low Clock High
An to LEAB or Bn to LEBA
4
1.5
1.5
0.1
0.5
ns
ts(H)
ts(L)
Setup time
CEAB before CPAB or
CEBA before CPBA
4
1.5
1.0
0.3
–0.4
ns
th(H)
th(L)
Hold time
CEAB after CPAB or
CEBA after CPBA
4
1.5
1.0
0.7
–0.3
ns
tw(H)
tw(L)
Pulse width, High or Low
CPAB or CPBA
1
2.0
2.0
ns
tw(H)
LEAB or LEBA pulse width, High
3
1.5
ns
NOTE:
1.
All typical values are at VCC = 3.3V and Tamb = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com