Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4252 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4252
Description  Tracking Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4252 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4252 Datasheet HTML 2Page - Infineon Technologies AG TLE4252 Datasheet HTML 3Page - Infineon Technologies AG TLE4252 Datasheet HTML 4Page - Infineon Technologies AG TLE4252 Datasheet HTML 5Page - Infineon Technologies AG TLE4252 Datasheet HTML 6Page - Infineon Technologies AG TLE4252 Datasheet HTML 7Page - Infineon Technologies AG TLE4252 Datasheet HTML 8Page - Infineon Technologies AG TLE4252 Datasheet HTML 9Page - Infineon Technologies AG TLE4252 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Data Sheet
6
Rev. 1.2, 2004-08-11
TLE 4252
Table 4
Electrical Characteristics
V
I = 13.5 V; 1.5 V ≤ VADJ ≤ VI - 0.6 V; -40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.
Regulator Performance, Tracker Output Q
Output voltage
tracking accuracy
∆V
Q = VADJ - VQ
∆V
Q
-10
–
10
mV
4.5 V <
V
I < 26 V;
1 mA <
I
Q < 200 mA;
Output voltage
tracking accuracy
∆V
Q = VADJ - VQ
∆V
Q
-10
–
10
mV
3.5 V <
V
I < 32 V;
10 mA <
I
Q < 100 mA;
-25
–
25
mV
3.5 V <
V
I < 4.5 V;
1 mA <
I
Q < 200 mA;
Drop voltage
V
dr
–
280
600
mV
I
Q = 200 mA;
V
ADJ > 3.5 V;
V
EN = VEN, on
1)
Output current
I
Q
250
350
500
mA
V
Q = 5.0 V
2)
Output capacitor
C
Q
10
–
–
µF0 ≤ ESR ≤ 5 Ω at
10 kHz
Current consumption
I
q = II - IQ
I
q
–
1025mA
I
Q = 200 mA;
V
Q = 5 V
Current consumption
I
q = II - IQ
I
q
–
100
150
µA
I
Q < 100 µA;
T
j < 85 °C; VEN = 5 V
Quiescent current
(stand-by)
I
q = II - IQ
I
q
–0
2
µA
V
EN = 0 V;
V
EN/ADJ = 0 V;
T
j < 85 °C
Reverse current
I
r
–0.5
5
mA
V
Q = 16 V; VI = 0 V
Load regulation
∆V
Q
–
–
10
mV
1 mA <
I
Q < 200 mA
Line regulation
∆V
Q
–
–
10
mV
5 V <
V
I < 32 V;
I
Q = 5 mA
Power supply ripple
rejection
PSSR
–60
–
dB
f
I, ripple = 100 Hz;
V
I, ripple = 0.5 Vpp
3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com