Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4252D Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4252D
Description  Tracking Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4252D Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4252D Datasheet HTML 1Page - Infineon Technologies AG TLE4252D Datasheet HTML 2Page - Infineon Technologies AG TLE4252D Datasheet HTML 3Page - Infineon Technologies AG TLE4252D Datasheet HTML 4Page - Infineon Technologies AG TLE4252D Datasheet HTML 5Page - Infineon Technologies AG TLE4252D Datasheet HTML 6Page - Infineon Technologies AG TLE4252D Datasheet HTML 7Page - Infineon Technologies AG TLE4252D Datasheet HTML 8Page - Infineon Technologies AG TLE4252D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TLE 4252
Data Sheet
5
Rev. 1.2, 2004-08-11
Note: Within this operating range the IC is functional. The electrical characteristics,
however, are not guaranteed over this full range given above.
Table 3
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Typ.
Max.
In- and Output Voltage
Supply voltage
V
I
3.5
–
40
V
V
I > VADJ + Vdr
Enable input voltage
V
EN
0–40
V
–
Adjust input voltage
V
ADJ
1.5
–
40
V
–
Adjust input voltage
V
ADJ
0–1.5
V
V
Q ≤ VADJ + ∆VQ
Error amplifier
common mode range
CMR
1.5
–
V
I -
0.5
V
V
Q ≤ VADJ + ∆VQ with
V
FB = VQ
Temperature
Junction temperature
T
j
-40
–
150
°C–
Thermal Resistance P-TO252-5-1
Junction to ambient
R
thj-a
–
–
144
K/W
Footprint only
1)
Junction to ambient
R
thj-a
–
–
78
K/W
Heat sink area
300 mm
2 1)
Junction to ambient
R
thj-a
–
–
55
K/W
Heat sink area
600 mm
2 1)
Junction to case
R
thj-c
––2K/W
–
1) Worst case regarding peak temperature; zero airflow; mounted on FR4; 80
× 80 × 1.5 mm3; 35 µ Cu; 5 µ Sn



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com