Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3053/1 Datasheet(PDF) 1 Page - Alpha Wire

Part # 3053/1
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3053/1 Datasheet(HTML) 1 Page - Alpha Wire

  3053/1 Datasheet HTML 1Page - Alpha Wire 3053/1 Datasheet HTML 2Page - Alpha Wire 3053/1 Datasheet HTML 3Page - Alpha Wire 3053/1 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Customer Specification
PART NO. 3053/1
Construction
Applicable Specifications
Environmental
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
1 X 1 HOOKUP
a) Conductor
20 (SOLID) AWG Tinned Copper
0.032
b) Insulation
0.016" Wall, Nom. PVC
0.064+/- 0.002
(1) Print
ALPHA WIRE E163869-* RU AWM STYLES 1569 105C
OR 1007 80C 300V VW-1 IEC 60332-1 20 AWG
OR CRU TR-64 90C FT1 CE ROHS
{0} * = Factory Code
(2) Color(s)
WHITE, BLACK, RED, GREEN, YELLOW, BLUE, BROWN
ORANGE, SLATE, VIOLET
1) UL
AWM/STYLE 1007
80°C / 300 VRMS
AWM/STYLE 1569
105°C / 300 VRMS
VW-1
2) CSA International
TR-64
90°C
FT1
3) IEC
EN 60332-1 Flame Behavior
4) CE:
EU Low Voltage Directive 2014/35/EU
1) EU Directive 2011/65/EU(RoHS2), EU Directive 2015/863/EU (RoHS3):
All materials used in the manufacture of this part are in compliance with
European Directive 2011/65/EU and the amending Directive 2015/863/EU of
4 June 2015 regarding the restriction of use of certain hazardous substances


Similar Part No. - 3053/1

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3053 KR-3053 Datasheet
34Kb / 2P
Notch filter 162 KHz Notch Frequency 50 ??SMA Connectors
logo
List of Unclassifed Man...
3053 ETC2-3053 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Alpha Wire
3053 ALPHAWIRE-3053 Datasheet
2Mb / 49P
Hook-Up Wire
3053 ALPHAWIRE-3053 Datasheet
70Kb / 3P
Customer Specification
logo
API Technologies Corp
3053 APITECH-3053 Datasheet
610Kb / 2P
Manual Step, Ruggedized SMA Connectors
More results

Similar Description - 3053/1

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com