Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4299GV33 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE4299GV33
Description  Low-Drop Fixed Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4299GV33 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE4299GV33 Datasheet HTML 16Page - Infineon Technologies AG TLE4299GV33 Datasheet HTML 17Page - Infineon Technologies AG TLE4299GV33 Datasheet HTML 18Page - Infineon Technologies AG TLE4299GV33 Datasheet HTML 19Page - Infineon Technologies AG TLE4299GV33 Datasheet HTML 20Page - Infineon Technologies AG TLE4299GV33 Datasheet HTML 21Page - Infineon Technologies AG TLE4299GV33 Datasheet HTML 22Page - Infineon Technologies AG TLE4299GV33 Datasheet HTML 23Page - Infineon Technologies AG TLE4299GV33 Datasheet HTML 24Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Datasheet Rev. 1.0
21
2005-01-27
TLE 4299
Reset Delay Time TRD versus Junction
Temperature Tj
Delay Capacitor Charge Current versus
Junction Temperature Tj
Sense Threshold High versus Junction
Temperature Tj
Sense Threshold Low versus Junction
Temperature Tj
-4 0
T
j [° C ]
-2 0
2 0
4 0
8 0 1 0 0
T
RD
[m s ]
27_R E S E T D E LA Y V S
TE M P .V S D
45
40
35
50
0
6 0
140
120
V
I = 13. 5 V
60
C
D = 100nF
-4 0
T
j [° C ]
- 2 0
2 0
4 0
8 0 100
I
CH
[µ A ]
27A _ID - T E M P .V S D
3
2
1
4
0
6 0
140
120
V
I = 13. 5 V
6
-4 0
T
j [° C ]
-2 0
2 0
4 0
8 0 1 0 0
V
SI _ H i
[V ]
3 4 _ VSI_ H I VS T E M P .VSD
1.4 5
1.4 0
1.3 5
1.5 0
0
6 0
140
12 0
V
I = 13. 5 V
1.6 0
-4 0
T
j [° C ]
-2 0
2 0
4 0
8 0 1 0 0
V
SI_ L o
[V ]
35_V S I_LO V S T E M P .V S D
1.35
1.30
1.25
1.40
0
6 0
140
120
V
I = 1 3 . 5 V
1.5 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com