Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4305G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4305G
Description  Voltage-Current Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4305G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4305G Datasheet HTML 5Page - Infineon Technologies AG TLE4305G Datasheet HTML 6Page - Infineon Technologies AG TLE4305G Datasheet HTML 7Page - Infineon Technologies AG TLE4305G Datasheet HTML 8Page - Infineon Technologies AG TLE4305G Datasheet HTML 9Page - Infineon Technologies AG TLE4305G Datasheet HTML 10Page - Infineon Technologies AG TLE4305G Datasheet HTML 11Page - Infineon Technologies AG TLE4305G Datasheet HTML 12Page - Infineon Technologies AG TLE4305G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TLE 4305
Data Sheet
9
Rev. 2.1, 2004-01-01
SMPS with TLE 4305 Secondary Regulator
The TLE 4305 is located on the secondary side of the regulator and controls the output
voltage as well as it limits the output current. Voltage and current can be chosen
independent from each other by the designer according to the application’s
requirements.
Figure 4
Application Circuit
V
Q = 2.5 V × (RV1 + RV2) / RV2
(1)
I
Q = 0.2 V / RSense
(2)
Figure 3 shows the TLE 4305 as SMPS secondary regulator as application circuit. The
load capacitor
C
L is charged by the PWM-signal at the secondary side of the transformer.
The diode D2 defines the current flow in the transformer.
AES02878
TLE 4305G
C
CCO
10 nF
CCO
C
VCO
10 nF
VCO
CRE
GND
VSE
V
S
C
S
100 nF
D1
RGL34D
n
3
n
1
CSE
R
Sense
OUT
C
L
470
µF
D2
SMS2100
n
2
SMPS
Primary
Side
Cool Set
TDA 1683x
PWM Duty
Cycle
= f(
V
FB)
FB
Optocoupler
L
S
C
S1
C
S2
+
-
V
Q
Line
R
V1
R
V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com