Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WA-HT3120T-R15H001 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # WA-HT3120T-R15H001
Description  6.5" ~ 21.5" TFT LCD Windows-Based Touch Panel HMI with WebAccess/HMI Runtime
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

WA-HT3120T-R15H001 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  WA-HT3120T-R15H001 Datasheet HTML 1Page - Advantech Co., Ltd. WA-HT3120T-R15H001 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
WA-HT HMI Series
Configuration Options
Series
Touch Panel HMI - Lite
Touch Panel HMI - Standard
Part Number
WA-HT3070T-
R15H0AE
WA-HT3100T-
R15H0AE
WA-HT3120T-
R15H001
WA-HT651T-
E15H1AE
WA-HT1251T-
E15H1AE
WA-HT1551T-
E15H1AE
WA-HT1751T-
E15H1AE
WA-HT2140W-
G15H1AE
Thin-Client
Terminal
WOP-3070T-C4BE
WOP-3100T-C4BE
WOP-3120T-C4AE
TPC-651T-6E3AE
TPC-1251T-E3AE
TPC-1551T-E3AE
TPC-1751T-E3AE
TPC-2140WP-
T3AE
Operating System
Microsoft WinCE 6.0
Microsoft Windows Embedded 7 Pro (64 bit)
HMI Software
WebAccess/HMI Runtime 1500 tags
WebAccess/HMI Runtime 1500 tags
CPU
ARM® Cortex™-A8 600 MHz
Intel® Atom™ E3827 1.75GHz
AMD G-series T56E
1.65 GHz
Memory
256 MB DDR2
4 GB of DDR3L
Aspect Ratio
16:9
4:3
4:3
4:3
4:3
16:9
Display
(Size, Type)
7" WVGA TFT LCD
10.1" WVGA TFT
LCD
12" XGA TFT LCD
6.5" VGA TFT LED
LCD
12.1" XGA TFT
LED LCD
15" XGA TFT LED
LCD
17" SXGA TFT LED
LCD
21.5" Full HD TFT
LED LCD
Max. Resolution /
Colors
800 x 480 / 64k
1024 x 600 / 64k
1024 x 768 / 64k
640 x 480 / 262k
1024 x 768 /
16.2 M
1024 x 768 / 16.7M
1280 x 1024 /
16.7M
1920 x 1080 /
16.7M
Backlight MTBF
50,000 hrs
50,000 hrs
50,000 hrs
50,000 hrs
50,000 hrs
50,000 hrs
Touchscreen
5-wire resistive
5-wire resistive
5-wire resistive
5-wire resistive
5-wire resistive
Projected capacitive
Storage
512M micro SD on board (SLC type)
1 x 32G CFast card
Expansion Slots
1 x Micro SD
1 x Full-size Mini PCIe
Mounting
Panel
Desktop, wall, or panel
Network (LAN)
1 x 10/100 Base-T
2 x 10/100/1000 Base-T
I/O
1 x RS-232/422/485 (DB9),
1 x RS-422/485 (4 pin),
1 x RS-485 (2 pin),
1 x USB 2.0 (1 x Client X1, 1 x Host),
1 x Line Out, 1 x Mic In
1 x RS-232,
1 x RS-232/422/485,
1 x USB 3.0,
1 x USB 2.0
1 x RS-232,
1 x RS-232/422/485,
1 x USB 3.0,
1 x USB 2.0
1 x RS-232,
1 x RS-232/422/485,
1 x USB 3.0,
1 x USB 2.0
1 x RS-232,
1 x RS-232/422/485,
1 x USB 3.0,
1 x USB 2.0
3 x RS-232,
1 x RS-422/485,
2 x USB 2.0,
1 x HDMI,
1 x Mic In,
1 x Line Out
iDoor Expansion
(TPC-1251T-EHKE
is required)*
N/A
1 x iDoor *
N/A
DC Power Input
(Voltage)
24 VDC ± 10%
24 VDC ± 20%
18 ~ 32 VDC
Power Consumption
7 W
9 W
20 W
19.2 W
45.6W
40.8W
43.2W
35 W
Ingress Protection
IP66-rated front panel
IP66-rated front panel
Operating
Temperature
-20 ~ 60°C
-20 ~ 60°C
-20 ~ 60°C
-20 ~ 60°C
-20 ~ 60°C
0 ~ 55°C
Certification
CE, FCC, BSMI, CCC, UL
CE, FCC, BSMI, CCC, UL
Ordering Information
ƒ
WA-HT3070T-R15H0AE WOP-3070T-C4BE, HMI Runtime 1500 tags, 512M SD,
WinCE
ƒ
WA-HT3100T-R15H0AE WOP-3100T-C4BE, HMI Runtime 1500 tags, 512M SD,
WinCE
ƒ
WA-HT3120T-R15H001 WOP-3120T-C4AE, HMI Runtime 1500 tags, 512M SD,
WinCE
ƒ
WA-HT651T-E15H1AE TPC-651T-6E3AE, HMI Runtime 1500 tags, 32G CFast,
WES7P
ƒ
WA-HT1251T-E15H1AE TPC-1251T-E3AE, HMI Runtime 1500 tags, 32G CFast,
WES7P
ƒ
WA-HT1551T-E15H1AE TPC-1551T-E3AE, HMI Runtime 1500 tags, 32G CFast,
WES7P
ƒ
WA-HT1751T-E15H1AE TPC-1751T-E3AE, HMI Runtime 1500 tags, 32G CFast,
WES7P
ƒ
WA-HT2140W-G15H1AE TPC-2140WP-T3AE, HMI Runtime 1500 tags, 32G
CFast, WES7P
Accessories
ƒ
PWR-247-CE
100-240V 60W 24V 2.5A Power Adapter
ƒ
TPC-1251T-EHKE
HDD/SSD and iDoor extension kit for
WA-HT651T/1051W/1251T/1551T/1751T
ƒ
1702002600
Power Cable US Plug 1.8 M
ƒ
1702002605
Power Cable EU Plug 1.8 M
ƒ
1702031801
Power Cable UK Plug 1.8 M
ƒ
1700000596-11
Power Cable China/Australia Plug 1.8 M
Selected iDoor Modules
ƒ
PCM-24D2R2-BE
2-Ports Isolated RS-232 mPCIe, DB9
ƒ
PCM-24D2R4-BE
2-Ports Isolated RS-422/485 mPCIe, DB9
ƒ
PCM-24D4R2-BE
4-Ports Non-Isolated RS-232 mPCIe, DB37
ƒ
PCM-24D4R4-BE
4-Ports Non-Isolated RS-422/485 mPCIe, DB37
ƒ
PCM-27D24DI-AE
24-Channels Isolated Digital I/O with counter mPCIe,
DB37
ƒ
PCM-27J3AU-AE
3-Port Audio Stereo, mPCIe, 3.5 mm Jack
ƒ
PCM-24S2WF-BE
802.11 a/b/g/n 2T2R w/ Bluetooth 4.0, half-size mPCIe
ƒ
PCM-24R1TP-AE
Intel® 82574L, GbE, RJ45 x 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com