Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7274D Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE7274D
Description  5-V Low Drop Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7274D Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE7274D Datasheet HTML 5Page - Infineon Technologies AG TLE7274D Datasheet HTML 6Page - Infineon Technologies AG TLE7274D Datasheet HTML 7Page - Infineon Technologies AG TLE7274D Datasheet HTML 8Page - Infineon Technologies AG TLE7274D Datasheet HTML 9Page - Infineon Technologies AG TLE7274D Datasheet HTML 10Page - Infineon Technologies AG TLE7274D Datasheet HTML 11Page - Infineon Technologies AG TLE7274D Datasheet HTML 12Page - Infineon Technologies AG TLE7274D Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Data Sheet
9
Rev. 1.0, 2005-02-09
TLE 7274
Dropout Voltage V
dr versus Output
Current I
Q
0
I
Q [m A ]
100
2 00
V
dr [m V ]
6_V D R - IQ .V S D
300
200
100
400
30 0
600
T
j = 150 ° C
T
j = 25 ° C
T
j = - 40 ° C
Dropout Voltage V
dr versus Junction
Temperature T
j
-4 0
T
j [° C ]
-2 0
2 0 4 0
8 0 1 0 0
V
dr [m V ]
7_V D R - T J .V S D
30 0
20 0
10 0
40 0
06 0
1 4 0
12 0
I
Q = 15 0m A
600
I
Q = 25 0 m A
I
Q = 1 0 m A
Maximum Output Current I
Q versus
Junction Temperature T
j
-4 0
T
j [° C ]
-2 0
2 0
4 0
8 0 1 0 0
I
Q [m A ]
8_IQ M A X - T J .V S D
56 0
54 0
52 0
58 0
06 0
1 4 0
12 0
V
I = 1 3 .5 V
50 0
62 0
Maximum Output Current I
Q versus
Input Voltage V
I
0
V
I [V ]
20
3 0
I
Q [m A ]
9_S O A .V S D
30 0
20 0
10 0
40 0
10
40
60 0
I
Q lim
T
j = 25 ° C
T
j = 125 ° C
P v m ax = 1,18 W for T O 252 @
3 00m m 2 c ooling ar e a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com