Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7276 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE7276
Description  5-V Low Drop Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7276 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE7276 Datasheet HTML 9Page - Infineon Technologies AG TLE7276 Datasheet HTML 10Page - Infineon Technologies AG TLE7276 Datasheet HTML 11Page - Infineon Technologies AG TLE7276 Datasheet HTML 12Page - Infineon Technologies AG TLE7276 Datasheet HTML 13Page - Infineon Technologies AG TLE7276 Datasheet HTML 14Page - Infineon Technologies AG TLE7276 Datasheet HTML 15Page - Infineon Technologies AG TLE7276 Datasheet HTML 16Page - Infineon Technologies AG TLE7276 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Data Sheet
13
Rev. 1.0, 2005-02-05
TLE 7276
Line Transient Response Peak Voltage
dV
Q
21 _Line T r anc ient v s tim e 12 5.v s d
dV
I 2V
T = 4 00µ s /D I V
VQ = 5 0 m V /D I V
VQ
T j= 1 25° C
V i= 13.5 V
nhibit Input Current I
INH versus Inhibit
Input Voltage V
INH
I
IN H
[µ A ]
24_II N H v s V I N H . v s d
30
20
10
40
Tj = 2 5 ° C
10
V
IN H [V ]
30
40
20
50
Tj = - 4 0 ° C
Tj = 15 0° C
Inhibit Input Current I
INH versus Input
Voltage V
I, INH=Off
I
IN H
[µ A ]
25_I IN H v s V I N IN H _off . v s d
0. 6
0. 4
0. 2
0. 8
Tj = 2 5 ° C
10
V
IN [V ]
30
4 0
20
1. 0
Tj = - 4 0 ° C
Tj = 15 0° C
IN H = O F F
Thermal Resistance Junction-Ambient
R
THJA versus Power Dissipation PV
P
V [W ]
69
R
TH - J A
[K /W ]
32_R T H V S P V T O 252. V S D
60
55
50
65
31 2
A = 3 00m m 2
C ooling A r ea s ingle s ide d P C B
75
T O 252- 3
T O 252- 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com