Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7469 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE7469
Description  Dual Low Drop Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7469 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE7469 Datasheet HTML 9Page - Infineon Technologies AG TLE7469 Datasheet HTML 10Page - Infineon Technologies AG TLE7469 Datasheet HTML 11Page - Infineon Technologies AG TLE7469 Datasheet HTML 12Page - Infineon Technologies AG TLE7469 Datasheet HTML 13Page - Infineon Technologies AG TLE7469 Datasheet HTML 14Page - Infineon Technologies AG TLE7469 Datasheet HTML 15Page - Infineon Technologies AG TLE7469 Datasheet HTML 16Page - Infineon Technologies AG TLE7469 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TLE 7469
Final Data Sheet
13
Rev. 1.3, 2004-10-28
The drop across the ESR calculates as:
DVESR = DI*ESR (5.2)
To prevent a reset the following relationship must be fullfilled:
DVC + DVESR < 300mV (5.3)
Example: let us assume we have a load current change of 100mA and a blocking
capacitor of 22µF.
DVC = 0.1A * 25µs/22µF = 114mV
So for the ESR we can allow
DVESR = 300mV - 114mV = 186mV
The permissible ESR becomes:
ESR = 186mV/100mA = 1.86Ohm
As a dual regulator the TLE 7469 for correct operation should be always supplied at both
input pins I1 and I2 out of one voltage supply. The dual voltage regulator with both inputs
accessible, offers the possibility to reduce the power dissipation in the package. This can
be achived by two different input voltages or a Drop Resistor* R
Vi (see Figure 3) at the
input pin I2 for the 2.6V output. If one of this options is chosen,care should be taken, to
apply the device as descibet under “Table 3: Operating Range”.
The reset output RO features an integrated pull-up resistor. Thus it can be directly
coupled to the microcontroller reset input.
The sense comparator output SO is an open collector. An appropriate external pull-up
resistor is typ. 5.6 k
Ω … 47 kΩ, the minimum value of 5.6 kΩ being defined by the max.
sink current capability of the SO output transistor. If the sense comparator is not used of
course the pull-up resistor can be spared. In this case the SI pin should be directly
connected to Q1 in order to keep the comparator inactive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com