Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4418G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4418G
Description  Triple Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4418G Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4418G Datasheet HTML 1Page - Infineon Technologies AG TLE4418G Datasheet HTML 2Page - Infineon Technologies AG TLE4418G Datasheet HTML 3Page - Infineon Technologies AG TLE4418G Datasheet HTML 4Page - Infineon Technologies AG TLE4418G Datasheet HTML 5Page - Infineon Technologies AG TLE4418G Datasheet HTML 6Page - Infineon Technologies AG TLE4418G Datasheet HTML 7Page - Infineon Technologies AG TLE4418G Datasheet HTML 8Page - Infineon Technologies AG TLE4418G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TLE 4418 G
Target Data Sheet Rev. 0.1
5
2001-12-10
Note: Maximum ratings are absolute ratings; exceeding any one of these values may
cause irreversible damage to the integrated circuit
.
Thermal Resistances
Junction ambient
R
thja
–
65
K/W
300 mm
2 heat sink
area
1)
–
50
K/W
600 mm
2 heat sink
area
1)
1)
Worst case in still air according to JEDEC JESD51-2.
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Input voltage V
CC
V
CC
4.75
40
V
–
Input voltage V
DD
V
DD
10.8
40
V
–
Input voltage V
DD
V
DD
0
10.8
V
reduced output
voltage precision
Junction temperature
T
j
0150
°C
–
Absolute Maximum Ratings (cont’d)
0
°C < T
j < 150 °C
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com