Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16952 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74ALVT16952
Description  2.5V/3.3V ALVT 16-bit registered transceiver 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16952 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74ALVT16952 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16952 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16952 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16952 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16952 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16952 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16952 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16952 Datasheet HTML 12Page - NXP Semiconductors 74ALVT16952 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Product specification
74ALVT16952
2.5V/3.3V 16-bit registered transceiver (3-State)
1998 Mar 19
9
AC CHARACTERISTICS (2.5V
"0.2V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω; Tamb = –40°C to +85°C
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.5V ±0.2V
UNIT
MIN
TYP1
MAX
fMAX
Maximum clock frequency
1
125
156
MHz
tPLH
tPHL
Propagation delay
nCPBA to nAx, nCPAB to nBx
1
1.0
1.0
3.0
3.0
3.8
3.9
ns
tPZH
tPZL
Output enable time
nOEBA to nAx, nOEAB to nBx
3
4
1.0
0.5
3.5
2.5
5.0
3.7
ns
tPHZ
tPLZ
Output disable time
nOEBA to nAx, nOEAB to nBx
3
4
1.0
1.0
3.9
3.1
4.8
4.1
ns
NOTES:
1. All typical values are at VCC = 2.5V and Tamb = 25°C
AC SETUP REQUIREMENTS (2.5V
"0.2V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω; Tamb = –40°C to +85°C
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.5V ±0.2V
UNIT
MIN
TYP
tS(H)
ts(L)
Setup time
nAx to nCPAB or nBx to nCPBA
2
1.5
2.0
0.8
1.2
ns
th(H)
th(L)
Hold time
nAx to nCPAB or nBx to nCPBA
2
0.5
0.5
–1.2
–0.8
ns
ts(H)
ts(L)
Setup time
nCEAB to nCPAB, nCEBA to nCPBA
2
1.0
1.0
0.0
–0.2
ns
th(H)
th(L)
Hold time
nCEAB to nCPAB, nCEBA to nCPBA
2
1.1
1.1
0.3
0.2
ns
tw(H)
tw(L)
nCPAB or nCPBA pulse width,
High or Low
1
3.2
2.0
2.7
1.5
ns
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
VM
VM
VM
VM
VM
1/fMAX
tw(H)
tw(L)
tPHL
tPLH
nCPBA or
nCPAB
nAx or nBx
SH00073
Waveform 1. Propagation Delay, Clock Input to Output, Clock
Pulse Width, and Maximum Clock Frequency
nAx, nBx
nCEAB,
nCEBA
nCPAB,
nCPBA
ts(H)
th(H)
ts(L)
th(L)
SH00074
VM
VM
VM
VM
VM
VM
Waveform 2. Data Setup and Hold Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com