Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP121 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP121
Description  Micropower Voltage Supervisors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP121 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP121 Datasheet HTML 8Page - Microchip Technology MCP121 Datasheet HTML 9Page - Microchip Technology MCP121 Datasheet HTML 10Page - Microchip Technology MCP121 Datasheet HTML 11Page - Microchip Technology MCP121 Datasheet HTML 12Page - Microchip Technology MCP121 Datasheet HTML 13Page - Microchip Technology MCP121 Datasheet HTML 14Page - Microchip Technology MCP121 Datasheet HTML 15Page - Microchip Technology MCP121 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
MCP102/103/121/131
DS-21906A-page 12
 2004 Microchip Technology Inc.
4.0
APPLICATION INFORMATION
For many of today’s microcontroller applications, care
must be taken to prevent low-power conditions that can
cause many different system problems. The most
common causes are brown-out conditions, where the
system supply drops below the operating level momen-
tarily. The second most common cause is when a
slowly decaying power supply causes the micro-
controller to begin executing instructions without
sufficient voltage to sustain volitile memory (RAM), thus
producing indeterminate results. Figure 4-1 shows a
typical application circuit.
The MCP102/103/121/131 are voltage supervisor
devices designed to keep a microcontroller in reset
until the system voltage has reached and stabilized at
the proper level for reliable system operation. These
devices also operate as protection from brown-out
conditions when the system supply voltage drops
below a safe operating level.
FIGURE 4-1:
Typical Application Circuit.
4.1
RST Operation
The RST output pin operation determines how the
device can be used, and indicates when the system
should be forced into reset. To accomplish this, an
internal voltage reference is used to set the voltage trip
point (VTRIP). Additionally, there is a hysteresis on this
trip point.
When the falling edge of VDD crosses this voltage
threshold, the reset power-down timer (TRPD) starts.
When this delay timer times out (TRPD), the RST pin is
forced low.
When the rising-edge of VDD crosses this voltage
threshold, the reset power-up timer (TRPU) starts.
When this delay timer times out (TRPU), the RST pin is
forced high, the reset power-up timer is active and
there is additional system current.
The actual voltage trip point (VTRIPAC) will be between
the minimum trip point (VTRIPMIN) and the maximum
trip point (VTRIPMAX). The hysteresis on this trip point
and the delay timer (TRPU) are to remove any “jitter”
that would occur on the RST pin when the device VDD
is at the trip point.
Figure 4-2 shows the waveform of the RST pin as deter-
mined by the VDD voltage, while Table 4-1 shows the
state of the RST pin. The VTRIP specification is for falling
VDD voltages. When the VDD voltage is rising, the RST
will not be driven high until VDD is at VTRIP + VHYS. Once
VDD has crossed the voltage trip point, there is also a
minimal delay time (TRPD) before the RST pin is driven
low.
TABLE 4-1:
RST PIN STATES
FIGURE 4-2:
RST
Operation as Determined by the VTRIP and VHYS.
MCP1XX
VDD
VDD
VDD
RST
MCLR
(reset input)
(Active-Low)
VSS
VSS
PICmicro®
Microcontroller
RPU
Note 1: Resistor RPU may be required with the
MCP121 due to the open-drain output.
Resistor RPU may not be required with
the MCP131 due to the internal pull-up
resistor. The MCP102 and MCP103 do
not require the external pull-up resistor.
0.1
µF
State of RST Pin when:
Device
VDD < VTRIP VDD >
VTRIP + VHYS
Ouput Driver
MCP102
LH
Push-pull
MCP103
LH
Push-pull
MCP121
LH (1)
Open-drain (1)
MCP131
LH (2)
Open-drain (2)
Note 1: Requires External Pull-up resistor
2: Has Internal Pull-up resistor
VDD
VTRIPMAX
VTRIPMIN
VTRIPAC
VTRIPAC
VTRIPAC + VHYSAC
RST
1V
< 1V is outside the
device specifications
tRPD
tRPU
tRPD
tRPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com