Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-AB01-R0R00 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HLMP-AB01-R0R00
Description  Oval Precision Optical Performance AlInGaP and InGaN Lamps
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-AB01-R0R00 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HLMP-AB01-R0R00 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-AB01-R0R00 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-AB01-R0R00 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-AB01-R0R00 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-AB01-R0R00 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-AB01-R0R00 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-AB01-R0R00 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-AB01-R0R00 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-AB01-R0R00 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Absolute Maximum Ratings at TA = 25˚C
Parameter
Blue and Green
Red and Amber
DC Forward Current[1]
30 mA
50 mA
Peak Pulsed Forward Current[2]
100 mA
100 mA
Average Forward Current
30 mA
30 mA
Reverse Voltage (IR = 100 µA)
5 V
Reverse Voltage (IR = 10 µA)
5 V
Power Dissipation
120 mW
120 mW
LED Junction Temperature
130°C
130°C
Operating Temperature Range
–40°C to +80°C
–40°C to +100°C
Storage Temperature Range
–40°C to +100°C
–40°C to +120°C
Wave Soldering Temperature[3]
250°C for 3 seconds
250°C for 3 seconds
Notes:
1. Derate linearly from Figure 7.
2. Duty Factor 30% KHz.
3. 1.59 mm (0.060 in.) below body.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com