Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN44N80P Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFN44N80P
Description  PolarHV HiPerFET Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN44N80P Datasheet(HTML) 3 Page - IXYS Corporation

  IXFN44N80P Datasheet HTML 1Page - IXYS Corporation IXFN44N80P Datasheet HTML 2Page - IXYS Corporation IXFN44N80P Datasheet HTML 3Page - IXYS Corporation IXFN44N80P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2006 IXYS All rights reserved
IXFN 44N80P
Fig. 2. Exte nde d Output Char acte r is tics
@ 25
°C
0
10
20
30
40
50
60
70
80
90
100
0
3
6
9
12
15
18
21
24
27
30
V D S - V olts
VGS = 10V
7V
6V
5V
Fig. 3. Output Char acte r is tics
@ 125
°C
0
5
10
15
20
25
30
35
40
45
0
2
4
6
8
1012
1416
V D S - V olts
VGS = 10V
7V
5V
6V
Fig. 1. Output Char acte r is tics
@ 25
°C
0
5
10
15
20
25
30
35
40
45
01
234
56
78
V D S - V olts
VGS = 10V
7V
5V
6V
Fig. 4. RDS(on
) No r m aliz e d t o ID = 22A
V alue vs . Junction Te m pe r atur e
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
ID = 44A
ID = 22A
VGS = 10V
Fig. 5. RDS(on) Norm alize d to ID = 22A
V alue vs . Dr ain Cur r e nt
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
0
10
20304050
607080
90
100
I D - A mperes
TJ = 25°C
VGS = 10V
TJ = 125°C
Fig. 6. Dr ain C u r r e nt vs . C as e
Te m p e r atur e
0
4
8
12
16
20
24
28
32
36
40
44
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com