Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2191A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2191A
Description  1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2191A Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2191A Datasheet HTML 1Page - Diodes Incorporated AP2191A Datasheet HTML 2Page - Diodes Incorporated AP2191A Datasheet HTML 3Page - Diodes Incorporated AP2191A Datasheet HTML 4Page - Diodes Incorporated AP2191A Datasheet HTML 5Page - Diodes Incorporated AP2191A Datasheet HTML 6Page - Diodes Incorporated AP2191A Datasheet HTML 7Page - Diodes Incorporated AP2191A Datasheet HTML 8Page - Diodes Incorporated AP2191A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AP2181A/AP2191A
Document number: DS37618 Rev. 2 - 2
2 of 17
www.diodes.com
May 2018
© Diodes Incorporated
AP2181A/AP2191A
Typical Applications Circuit
0.1
μF
IN
GND
EN
OUT
ON
120
μF
Power Supply
2.7V to 5.5V
0.1
μF
OFF
FLG
Load
10k
10
μF
AP2191A Enable Active High
Available Options
Part Number
Channel
Enable Pin (EN)
Current Limit
(Typ)
Recommended Maximum Continuous
Load Current
AP2181A
1
Active Low
2.1A
1.5A
AP2191A
1
Active High
2.1A
1.5A
Pin Descriptions
Pin
Name
Pin Number
Function
SO-8
MSOP-8EP
SOT25
U-DFN2018-6
GND
1
1
2
1
Ground
IN
2, 3
2, 3
5
2
Voltage Input Pin (all IN pins must be tied together externally)
EN
4
4
4
3
Enable input, active low (AP2181A) or active high (AP2191A)
FLG
5
5
3
4
Over-current and over-temperature fault report; open-drain flag is active low when
triggered
OUT
6, 7
6, 7
1
5, 6
Voltage Output Pin (all OUT pins must be tied together externally)
NC
8
8
N/A
N/A
No internal connection; recommend tie to OUT pins
Exposed Tab
Exposed Tab
Exposed Tab
Exposed Pad
It should be connected to GND and thermal mass for enhanced thermal
impedance. It should not be used as electrical ground conduction path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com