Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2181AS-13 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP2181AS-13
Description  1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2181AS-13 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP2181AS-13 Datasheet HTML 7Page - Diodes Incorporated AP2181AS-13 Datasheet HTML 8Page - Diodes Incorporated AP2181AS-13 Datasheet HTML 9Page - Diodes Incorporated AP2181AS-13 Datasheet HTML 10Page - Diodes Incorporated AP2181AS-13 Datasheet HTML 11Page - Diodes Incorporated AP2181AS-13 Datasheet HTML 12Page - Diodes Incorporated AP2181AS-13 Datasheet HTML 13Page - Diodes Incorporated AP2181AS-13 Datasheet HTML 14Page - Diodes Incorporated AP2181AS-13 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AP2181A/AP2191A
Document number: DS37618 Rev. 2 - 2
11 of 17
www.diodes.com
May 2018
© Diodes Incorporated
AP2181A/AP2191A
Ordering Information
AP21X1A XX - X
Packing
Package
W : SOT25
S : SO-8
MP : MSOP8-EP
FM : U-DFN2018-6
7 : 7" Tape & Reel
13 : 13" Tape & Reel
Channel
Enable
1 : 1 Channel
8 : Active Low
9 : Active High
Part Number
Package
(Note 10)
Package Code
7
”/13’’ Tape and Reel
Status
(Note 9)
Quantity
Part Number Suffix
AP2181AW-7
SOT25
W
3000
-7
In Production
AP2181AS-13
SO-8
S
2500
-13
In Production
AP2181AMP-13
MSOP-8EP
MP
2500
-13
In Production
AP2181AFM-7
U-DFN2018-6
FM
3000
-7
In Production
AP2191AW-7
SOT25
W
3000
-7
In Production
AP2191AS-13
SO-8
S
2500
-13
In Production
AP2191AMP-13
MSOP-8EP
MP
2500
-13
In Production
AP2191AFM-7
U-DFN2018-6
FM
3000
-7
End of Life
Notes:
9. AP2191AFM-7 is End of Life (EOL) and recommended alternative is AP2181AFM-7.
10. For packaging details, go to our website at: https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
(1)
SO-8
AP21X 1
(Top View)
YY WW XX
Part Number
Logo
WW : Week : 01~52; 52
YY : Year : 08, 09,10~
8
7
6
5
1
2
3
4
8 : Active Low
9 : Active High
represents 52 and 53 week
A
XX : Internal Code
(2)
MSOP-8EP
AP21X1A
(Top View)
Y W X E
Part Number
Logo
Y : Year : 0~9
8
7
6
5
1
2
3
4
8 : Active Low
9 : Active High
X : Internal Code
a~z : 27~52 week; z represents
W : Week : A~Z : 1~26 week;
52 and 53 week
MSOP-8EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com