Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2181AFM-7 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP2181AFM-7
Description  1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2181AFM-7 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP2181AFM-7 Datasheet HTML 6Page - Diodes Incorporated AP2181AFM-7 Datasheet HTML 7Page - Diodes Incorporated AP2181AFM-7 Datasheet HTML 8Page - Diodes Incorporated AP2181AFM-7 Datasheet HTML 9Page - Diodes Incorporated AP2181AFM-7 Datasheet HTML 10Page - Diodes Incorporated AP2181AFM-7 Datasheet HTML 11Page - Diodes Incorporated AP2181AFM-7 Datasheet HTML 12Page - Diodes Incorporated AP2181AFM-7 Datasheet HTML 13Page - Diodes Incorporated AP2181AFM-7 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AP2181A/AP2191A
Document number: DS37618 Rev. 2 - 2
10 of 17
www.diodes.com
May 2018
© Diodes Incorporated
AP2181A/AP2191A
Application Information (Cont.)
Undervoltage Lockout (UVLO)
Undervoltage Lockout (UVLO) function keeps the internal power switch from being turned on until the power supply has reached at least 1.9V,
even if the switch is enabled. Whenever the input voltage falls below approximately 1.9V, the power switch is quickly turned off. This facilitates the
design of hot-insertion systems where it is not possible to turn off the power switch before input power is removed.
Host/Self-Powered HUBs
Hosts and Self-Powered HUBs (SPH) have a local power supply that powers the embedded functions and the downstream ports (see Figure 2).
This power supply must provide from 5.25V to 4.75V to the board side of the downstream connection under both full-load and no-load conditions.
Hosts and SPHs are required to have current-limit protection and must report over-current conditions to the USB controller. Typical SPHs are
desktop PCs, monitors, printers, and stand-alone hubs.
IN
OUT
FLG
EN
GND
1
2,3
6,7
4
5
0.1
μF
USB Control
5V
3.3V
GND
D +
D -
Power Supply
Downstream
USB Ports
AP2181A
VBUS
0.1
μF
120
μF
Figure 2. Typical One-Port USB Host / Self-Powered Hub
Generic Hot-Plug Applications
In many applications it may be necessary to remove modules or PC boards while the main unit is still operating. These are considered hot-plug
applications. Such implementations require the control of current surges seen by the main power supply and the card being inserted. The most
effective way to control these surges is to limit and slowly ramp the current and voltage being applied to the card, similar to the way in which a
power supply normally turns on. Due to the controlled rise and fall time of the AP2181A/AP2191A, these devices can be used to provide a softer
start-up to devices being hot-plugged into a powered system. The UVLO feature of the AP2181A/AP2191A also ensures that the switch is off after
the card has been removed, and that the switch is off during the next insertion.
By placing the AP2181A/AP2191A between the VCC input and the rest of the circuitry, the input power reaches these devices first after insertion.
The typical rise time of the switch is approximately 1ms, providing a slow voltage ramp at the output of the device. This implementation controls
system surge current and provides a hot-plugging mechanism for any device.
Dual-Purpose Port Applications
AP2181A/AP2191A is suitable for use in dual-purpose port applications in which a single port is used for data communication between the host
and peripheral devices while simultaneously maintaining a charge to the battery of the peripheral device. An example of this is a shared
HDMI/MHL (Mobile High-Definition Link) port that allows streaming video between an HDTV or set-top box and a smartphone or tablet while
maintaining a charge to the smartphone or tablet battery. In such dual-purpose port applications, it is important to insure VIN of the
AP2181A/AP2191A is ramped to its operating voltage prior to enabling the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com