Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2301AS-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2301AS-13
Description  2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2301AS-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2301AS-13 Datasheet HTML 1Page - Diodes Incorporated AP2301AS-13 Datasheet HTML 2Page - Diodes Incorporated AP2301AS-13 Datasheet HTML 3Page - Diodes Incorporated AP2301AS-13 Datasheet HTML 4Page - Diodes Incorporated AP2301AS-13 Datasheet HTML 5Page - Diodes Incorporated AP2301AS-13 Datasheet HTML 6Page - Diodes Incorporated AP2301AS-13 Datasheet HTML 7Page - Diodes Incorporated AP2301AS-13 Datasheet HTML 8Page - Diodes Incorporated AP2301AS-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AP2301A/AP2311A
Document number: DS37743 Rev. 2 - 2
1 of 17
www.diodes.com
February 2018
© Diodes Incorporated
AP2301A/AP2311A
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Description
The AP2301A and AP2311A are single channel, current-limited,
integrated high-side power switches optimized for Universal Serial
Bus (USB) and other hot-swap applications. The family of devices
complies with USB standards and is available with both polarities of
Enable input.
The devices have fast short-circuit response time for improved overall
system robustness, and have integrated output discharge function to
ensure completely controlled discharging of the output voltage
capacitor. They provide a complete protection solution for applications
subject to heavy capacitive loads and the prospect of short circuit,
and offer reverse current blocking, over-current, over-temperature
and short-circuit protection, as well as controlled rise time and under-
voltage lockout functionality. A 7ms deglitch capability on the open-
drain Flag output prevents false over-current reporting and does not
require any external components.
All devices are available in SO-8, MSOP-8, MSOP-8EP, U-DFN3030-
8 (Type E) and U-DFN2020-6 packages.
Features
Single Channel Current-Limited Power Switch
Output Discharge Function
Fast Short-Circuit Response Time: 2µs
2.5A Accurate Current Limiting
Reverse Current Blocking
70mΩ on-Resistance
Input Voltage Range: 2.7V to 5.5V
Built-in Soft-Start with 0.6ms Typical Rise Time
Over-Current and Thermal Protection
Fault Report (FLG) with Blanking Time (7ms Typ)
ESD Protection: 2kV HBM, 200V MM
Ambient Temperature Range: -40°C to +85°C
SO-8, MSOP-8, MSOP-8EP, U-DFN3030-8 (Type E) and
U-DFN2020-6
: Available in “Green” Molding Compound (No Br,
Sb)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
UL Recognized, File Number E322375
IEC60950-1 CB Scheme Certified
Pin Assignments
(Top View)
1
2
3
4
8
7
6
5
NC
OUT
FLG
OUT
GND
EN
IN
IN
SO-8
(Top View)
U-DFN3030-8 (Type E)
(Top View)
U-DFN2020-6
Applications
LCD TVs & Monitors
Set-Top-Boxes, Residential Gateways
Laptops,
Desktops,
Servers,
e-Readers,
Printers,
Docking
Stations, HUBs
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
1
2
3
4
8
7
6
5
OUT
FLG
OUT
GND
EN
IN
IN
( Top View )
NC
MSOP-8 /MSOP-8EP
Note: latter with exposed pad
(dotted line)


Similar Part No. - AP2301AS-13

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
AP2301AGN ZPSEMI-AP2301AGN Datasheet
386Kb / 6P
P-Channel Enhancement Mode MOSFET
logo
Advanced Power Electron...
AP2301AGN-HF A-POWER-AP2301AGN-HF Datasheet
56Kb / 4P
Simple Drive Requirement, Small Package Outline
AP2301AGN-HF A-POWER-AP2301AGN-HF_14 Datasheet
56Kb / 4P
Simple Drive Requirement
AP2301AGN-HF A-POWER-AP2301AGN-HF_16 Datasheet
66Kb / 5P
RoHS Compliant & Halogen-Free
logo
A POWER MICROELECTRONIC...
AP2301AI APME-AP2301AI Datasheet
841Kb / 7P
-20V P-Channel Enhancement Mode MOSFET
REV1.5
More results

Similar Description - AP2301AS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2101 DIODES-AP2101 Datasheet
365Kb / 14P
2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 1
AP2301 DIODES-AP2301 Datasheet
374Kb / 18P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
DS32241 Rev. 1 - 2
AP2401 DIODES-AP2401 Datasheet
269Kb / 15P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
Rev erse
AP2301 DIODES-AP2301_13 Datasheet
441Kb / 18P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2401 DIODES-AP2401_13 Datasheet
454Kb / 18P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
Rev erse
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141 DIODES-AP2141_13 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2401S-13 DIODES-AP2401S-13 Datasheet
475Kb / 19P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
Rev erse
AP2151A DIODES-AP2151A Datasheet
893Kb / 18P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
January 2018
AP2401A DIODES-AP2401A Datasheet
494Kb / 18P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
March 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com