Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2191AFM-7 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP2191AFM-7
Description  1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2191AFM-7 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP2191AFM-7 Datasheet HTML 8Page - Diodes Incorporated AP2191AFM-7 Datasheet HTML 9Page - Diodes Incorporated AP2191AFM-7 Datasheet HTML 10Page - Diodes Incorporated AP2191AFM-7 Datasheet HTML 11Page - Diodes Incorporated AP2191AFM-7 Datasheet HTML 12Page - Diodes Incorporated AP2191AFM-7 Datasheet HTML 13Page - Diodes Incorporated AP2191AFM-7 Datasheet HTML 14Page - Diodes Incorporated AP2191AFM-7 Datasheet HTML 15Page - Diodes Incorporated AP2191AFM-7 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
AP2181A/AP2191A
Document number: DS37618 Rev. 2 - 2
12 of 17
www.diodes.com
May 2018
© Diodes Incorporated
AP2181A/AP2191A
Marking Information (Cont.)
(3)
SOT25
1
2
3
5
4
XX Y W X
XX : Identification code
W : Week : A~Z : 1~26 week;
X : A~Z : Green
( Top View )
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
Device
Package Type
Identification Code
AP2181AW
SOT25
VX
AP2191AW
SOT25
VY
(4)
U-DFN2018-6
Y : Year : 0~9
(Top View)
X : A~Z : Green
Y W X
XX
XX : Identification Code
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Device
Package Type
Identification Code
AP2181AFM
U-DFN2018-6
ZX
AP2191AFM
U-DFN2018-6
ZY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com