Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3532/7 Datasheet(PDF) 1 Page - Alpha Wire

Part # 3532/7
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3532/7 Datasheet(HTML) 1 Page - Alpha Wire

  3532/7 Datasheet HTML 1Page - Alpha Wire 3532/7 Datasheet HTML 2Page - Alpha Wire 3532/7 Datasheet HTML 3Page - Alpha Wire 3532/7 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Customer Specification
PART NO. 3532/7
Construction
Applicable Specifications
Environmental
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
20 X 1 COND
a) Conductor
22 (7/30) AWG TC
0.030
b) Insulation
0.010" Wall, Nom. PVC
0.050
(1) Color(s)
Cond
Color
Cond
Color
Cond
Color
1
BROWN
8
SLATE
15
GREEN
2
RED
9
WHITE
16
BLUE
3
ORANGE
10
BLACK
17
VIOLET
4
YELLOW
11
BROWN
18
SLATE
5
GREEN
12
RED
19
WHITE
6
BLUE
13
ORANGE
20
BLACK
7
VILOET
14
YELLOW
2) Cable Assembly
20 Components assembled parallel.
0.05 +/- 0.002 x
1.000 +/- 0.040
1) UL
AWM/STYLE 2713
80°C / 150 VRMS
VW-1
2) Military
a) Component 1
MIL-DTL-16878/1 (Type B)
105°C / 600 VRMS


Similar Part No. - 3532/7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3532 ETC2-3532 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
3M Electronics
3532 3M-3532 Datasheet
24Kb / 6P
3M Scotch-WeldTM Urethane Adhesives
logo
Alpha Wire
3532 ALPHAWIRE-3532 Datasheet
99Kb / 4P
Customer Specification
10/28/2022
3532 ALPHAWIRE-3532 Datasheet
99Kb / 4P
Customer Specification
2/22/2023
logo
Multicomp Pro
3532 MULTICOMP-3532 Datasheet
239Kb / 2P
Food-Grade Heat-Shrink Tubing Clear
16/05/20 V1.0
More results

Similar Description - 3532/7

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com