Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLK2701IPZP Datasheet(PDF) 6 Page - Texas Instruments

Part # SLK2701IPZP
Description  OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLK2701IPZP Datasheet(HTML) 6 Page - Texas Instruments

Back Button SLK2701IPZP Datasheet HTML 2Page - Texas Instruments SLK2701IPZP Datasheet HTML 3Page - Texas Instruments SLK2701IPZP Datasheet HTML 4Page - Texas Instruments SLK2701IPZP Datasheet HTML 5Page - Texas Instruments SLK2701IPZP Datasheet HTML 6Page - Texas Instruments SLK2701IPZP Datasheet HTML 7Page - Texas Instruments SLK2701IPZP Datasheet HTML 8Page - Texas Instruments SLK2701IPZP Datasheet HTML 9Page - Texas Instruments SLK2701IPZP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SLK2701
OC48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLLS518 − DECEMBER 2001
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions(Continued)
control/status pins (continued)
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
SPILL
49
TTL output
TX FIFO collision output
TESTEN
43
TTL input (with pulldown)
Production test mode enable. This pin must be left unconnected or tied low.
voltage supply and reserved pins
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
GND
1, 6, 19, 23, 26,
28, 30, 31, 33,
40
Ground
Digital logic ground
GNDA
10, 13
Ground
Analog ground
GNDLVDS
61, 69, 76, 77,
89, 93, 96, 100
Ground
LVDS ground
GNDPLL
12
Supply
PLL ground
RSVD
52
Reserved
This pin needs to be tied to ground or left floating for normal operation.
VDD
3, 22, 25, 29,
32, 35, 50
Supply
Digital logic supply voltage (2.5 V)
VDDA
7, 16
Supply
Analog voltage supply (2.5 V)
VDDLVDS
62, 72, 75, 78,
90, 91, 92, 97
Supply
LVDS supply voltage (2.5 V)
VDDPLL
11
Supply
PLL voltage supply (2.5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com