Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL230R Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TSL230R
Description  PROGRAMMABLE LIGHTTOFREQUENCY CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TSL230R Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  TSL230R Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL230R Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL230R Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL230R Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL230R Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL230R Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL230R Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL230R Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TSL230R, TSL230AR, TSL230BR
PROGRAMMABLE LIGHT TOFREQUENCY CONVERTERS
TAOS048 – OCTOBER 2002
7
The
LUMENOLOGY
r Company
t
t
Copyright
E 2002, TAOS Inc.
www.taosinc.com
MECHANICAL INFORMATION
PACKAGE P
PLASTIC DUAL-IN-LINE PACKAGE
This dual-in-line package consists of an integrated circuit mounted on a lead frame and encapsulated with an
electrically nonconductive clear plastic compound. The photodiode area is typically 0.92 mm2 (0.0014 in2)
(S0 = S1 = H).
0.410 (10,41)
0.430 (10,92)
0.014 (0,36)
0.016 (0,41)
0.040 (1,02)
0.060 (1,52)
0.015 (0,38)
0.025 (0,64)
8
° MAX TYP
90
°
105
°
Seating Plane
0.008 (0,20)
0.012 (0,30)
0.240 (6,10)
0.260 (6,60)
5
8
4
1
10
° TYP
8 Places
0.020 (0,51) R NOM
4 Places
C
L
0.100 (2,54) T.P.†
0.155 (3,94)
0.175 (4,45)
0.060 (1,52)
0.075 (1,91)
0.125 (3,18)
0.150 (3,81)
0.043 (1,09)
0.053 (1,35)
0.053 (1,35)
0.067 (1,70)
0.020 (0,51)
R MAX
4 Places
0.290 (7,37)
0.310 (7,87)
0.030 (0,76) D NOM
Pin 1 S0
Pin 2 S1
Pin 3 OE
Pin 4 GND
Pin 5 VDD
Pin 6 OUT
Pin 7 S2
Pin 8 S3
(Center of active
area coincides
with package
center.)
0.290 (7,37)
0.310 (7,87)
0.390 (9,91)‡
8 Places
† True position when unit is installed
‡ Minimum flat-optical-surface length
NOTES: A. All linear dimensions are in inches and parenthetically in millimeters.
B. Index of refraction of clear plastic is 1.55.
C. This drawing is subject to change without notice.
Figure 6. P — Plastic Dual-In-Line Packaging Configuration



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com