Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGP30N60C2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXGP30N60C2
Description  HiPerFAST IGBT C2- Class High Speed IGBTs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP30N60C2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXGP30N60C2 Datasheet HTML 1Page - IXYS Corporation IXGP30N60C2 Datasheet HTML 2Page - IXYS Corporation IXGP30N60C2 Datasheet HTML 3Page - IXYS Corporation IXGP30N60C2 Datasheet HTML 4Page - IXYS Corporation IXGP30N60C2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXGP 30N60C2
Fig. 7. Transconductance
0
5
10
15
20
25
30
35
0
20
40
60
80
100 120 140 160 180 200
I
C - A mperes
TJ = 25ºC
125ºC
Fig. 8. Dependence of Turn-Off
Energy on R
G
0
200
400
600
800
1000
1200
1400
1600
1800
2000
5
1015
2025
30
35
404550
R
G - Ohms
IC = 12A
TJ = 125ºC
VGE = 15V
VCE = 400V
IC = 24A
IC = 48A
Fig. 9. Dependence of Turn-Off
Energy on I
C
0
200
400
600
800
1000
1200
1400
10
15
20
25
30
35
40
45
50
I
C - A mperes
RG =5Ω
VGE = 15V
VCE = 400V
TJ = 125ºC
TJ = 25ºC
Fig. 10. Dependence of Turn-Off
Energy on Tem perature
0
200
400
600
800
1000
1200
1400
25
35
45
55
65
75
85
95
105 115 125
T
J - Degrees Centigrade
IC = 48A
RG =5Ω
VGE = 15V
VCE = 400V
IC = 24A
IC = 12A
Fig. 11. Dependence of Turn-Off
Sw itching Tim e on R
G
100
150
200
250
300
350
400
450
5
10
152025
3035
40
4550
R
G - Ohms
IC = 24A
t
d(off)
t
fi - - - - - -
TJ = 125ºC
VGE = 15V
VCE = 400V
IC = 12A
IC = 48A
Fig. 12. Dependence of Turn-Off
Sw itching Tim e on I
C
40
60
80
100
120
140
160
180
200
10
15
20
25
30
35
40
45
50
I
C - Amperes
t
d(off)
t
fi
- - - - - -
RG =5Ω
VGE = 15V
VCE = 400V
TJ = 125ºC
TJ = 25ºC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com