Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0609NH Datasheet(PDF) 1 Page - STMicroelectronics

Part # T0609NH
Description  SENSITIVE GATE TRIACS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T0609NH Datasheet(HTML) 1 Page - STMicroelectronics

  T0609NH Datasheet HTML 1Page - STMicroelectronics T0609NH Datasheet HTML 2Page - STMicroelectronics T0609NH Datasheet HTML 3Page - STMicroelectronics T0609NH Datasheet HTML 4Page - STMicroelectronics T0609NH Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
T0605xH
T0609xH
®
January 1995
SENSITIVE GATE TRIACS
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
(360
° conduction angle)
Tc= 100
°C6
A
ITSM
Non repetitive surge peak on-state current
(Tj initial = 25
°C)
tp = 8.3 ms
63
A
tp = 10 ms
60
I
2tI2t Value for fusing
tp = 10 ms
18
A
2s
dI/dt
Critical rate of rise of on-state current
IG =50 mA
diG /dt = 0.1 A/
µs.
Repetitive
F = 50 Hz
10
A/
µs
Non
Repetitive
50
Tstg
Tj
Storage and operating junction temperature range
- 40, + 150
- 40, + 125
°C
Tl
Maximum lead temperature for soldering during 10s at
4.5mm from case
260
°C
ABSOLUTE RATINGS (limiting values)
IT(RMS) =6A
VDRM = 400V to 800V
IGT
≤ 5mA to ≤ 10mA
FEATURES
Symbol
Parameter
Voltage
Unit
DM
S
N
VDRM
VRRM
Repetitive peak off-state voltage
Tj = 125
°C
400
600
700
800
V
The T06xxxH series of triacs uses a high
performance MESA GLASS technology. These
parts
are
intended
for
general
purpose
applications where
gate
high
sensitivity is
required.
DESCRIPTION
A1
G
A2
TO220
non-insulated
(Plastic)
1/5


Similar Part No. - T0609NH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T060 ETC1-T060 Datasheet
130Kb / 1P
DIL 14 PIN SINGLE OUTPUT
logo
E-SWITCH
T060000 E-SWITCH-T060000 Datasheet
121Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T060001 E-SWITCH-T060001 Datasheet
105Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T060002 E-SWITCH-T060002 Datasheet
108Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T060003 E-SWITCH-T060003 Datasheet
108Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T0609NH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
SENSITIVE GATE TRIACS
Feb-1989
BTA08S STMICROELECTRONICS-BTA08S Datasheet
68Kb / 5P
SENSITIVE GATE TRIACS
Mar-1995
TLC116 STMICROELECTRONICS-TLC116 Datasheet
52Kb / 5P
SENSITIVE GATE TRIACS
Feb-1999
logo
Tiger Electronic Co.,Lt...
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
Triacs sensitive gate
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
Triacs sensitive gate
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
Sensitive Gate Triacs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com