Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C242 Datasheet(PDF) 13 Page - SMSC Corporation

Part # USB97C242
Description  USB 2.0 Flash Drive Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C242 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button USB97C242 Datasheet HTML 9Page - SMSC Corporation USB97C242 Datasheet HTML 10Page - SMSC Corporation USB97C242 Datasheet HTML 11Page - SMSC Corporation USB97C242 Datasheet HTML 12Page - SMSC Corporation USB97C242 Datasheet HTML 13Page - SMSC Corporation USB97C242 Datasheet HTML 14Page - SMSC Corporation USB97C242 Datasheet HTML 15Page - SMSC Corporation USB97C242 Datasheet HTML 16Page - SMSC Corporation USB97C242 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
USB 2.0 Flash Drive Controller
Datasheet
SMSC USB97C242
Page 13
Revision 1.4 (02-16-06)
DATASHEET
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
MISC
Crystal
Input/Extern
al Clock
Input
XTAL1/
CLKIN
ICLKx
12Mhz Crystal or external clock input.
This pin can be connected to one terminal of the crystal or can be
connected to an external 12Mhz clock when a crystal is not used.
Crystal
Output
XTAL2
OCLKx
12Mhz Crystal
This is the other terminal of the crystal, or left open when an external
clock source is used to drive XTAL1/CLKIN. It may not be used to drive
any external circuitry other than the crystal circuit.
Internal
ROMEN
ROMEN
IPU
When tied low, an external program memory should be connected to the
memory/data bus. The USB97C242 uses this external bus for program
execution.
When this pin is left unconnected or tied high, the USB97C242 uses the
internal ROM for program execution.
The state of this pin is latched internally on the rising edge of nRESET to
determine if internal or external program memory is used.
The state latched is stored in ROMEN bit of GPIO_IN1 register.
General
Purpose I/O
GPIO1
I/O8
This pin may be used either as input, edge sensitive interrupt input, or
output. See Chapter 11 for usage by program in internal ROM.
General
Purpose I/O
GPIO2
I/OPU8
This pin may be used either as input, edge sensitive interrupt input, or
output. See Chapter 11 for usage by program in internal ROM.
General
Purpose I/O
GPIO3
I/O8
This pin may be used either as input, edge sensitive interrupt input, or
output. See Chapter 11 for usage by program in internal ROM.
General
Purpose I/O
GPIO[7:4]
I/O8
These pins may be used either as input, edge sensitive interrupt input, or
output. See Chapter 11 for usage by program in internal ROM.
NAND flash
Chip Select
Signal
nCS[7:0]
OPU8
These pins can be used to chip enable the NAND flash devices, when
multiple NAND flash devices are used.
RESET
input
nRESET
IS
This active low signal is used by the system to reset the chip. The active
low pulse should be at least 100ns wide.
TEST Input
nTEST[0:1]
I
These signals are used for testing the chip. User should normally leave
them unconnected.
POWER, GROUNDS, AND NO CONNECTS
VDD
+2.5V Core power
VDDIO
+3.3V I/O power
VDDP
+2.5 Analog power
VSSP
Analog Ground Reference
VDDA
+3.3V Analog power
VSSA
Analog Ground Reference
GND
Ground Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com